Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 46 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 46 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 42Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 43Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 44Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 45Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 46Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 47Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 48Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 49Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 50Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
YMF754
June 28, 1999
-46-
4. Interrupt Routing
DS-1E supports three types of interrupts, interrupt signal on the PCI bus (INTA#), interrupt signal on the ISA
bus (IRQ[5,7,9,10,11]), and Serialized IRQ.
The IRQs on DS-1E are routed as shown below.
Sound Blaster Pro
MPU401
IRQ
IRQ
SBIRQ[2:0]
ISA IRQ
SERIRQ
MPUIRQ[2:0]
SIEN, IMOD
SIEN=0, IMOD=1
SIEN=0, IMOD=0
SIEN=1, IMOD=0
SIEN=0, IMOD=1
SIEN=0, IMOD=0
SIEN=1, IMOD=0
Select Signal
Select Signal
IRQ5
IRQ7
IRQ9
IRQ10
IRQ11
SERIRQ#
INTA#
INTA
PCI Audio
PCI Audio can only use INTA#, but the Sound Blaster Pro and MPU401 blocks of the Legacy Audio Block
can use any of the three protocols.
The protocol can be switched using 40-43h (Legacy Audio Control Register) of the PCI Configuration
Register.
4-1. Serialized IRQ
Serialized IRQ is a method to encode IRQs of 15 channels into one signal.
DS-1E provides the SERIRQ# pin to support Serialized IRQ.
Only one channel out of the 5 channels, IRQ5, IRQ7, IRQ9, IRQ10, and IRQ11, can be encoded into the
IRQ/Data frame of Serialized IRQ.
The IRQ channel is selected using 40h-43h (Legacy Audio Control Register) of the PCI Configuration
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com