Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 10 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 6Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 7Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 8Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 9Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 10Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 11Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 12Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 13Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 14Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
YMF754
June 28, 1999
-10-
1-2. PCI Configuration Register
In addition to the Configuration Register defined by PCI Revision 2.2, DS-1E provides proprietary PCI
Configuration Registers in order to control legacy audio function, such as FM Synthesizer, Sound Blaster Pro,
MPU401 and Joystick.
These additional registers are configured by BIOS or the configuration software
from YAMAHA Corporation.
The following shows the overview of the PCI Configuration Register.
Offset
b[31..24]
b[23..16]
b[15..8]
b[7..0]
00-03h
Device ID
Vendor ID
04-07h
Status
Command
08-0Bh
Base Class Code
Sub Class Code
Programming IF
Revision ID
0C-0Fh
Reserved
Header Type
Latency Timer
Reserved
10-13h
PCI Audio Memory Base Address
14-17h
Legacy Audio I/O Base Address (Dummy for SB, FM, MPU, D-DMA)
18-1Bh
Legacy Audio I/O Base Address (Dummy for Joystick)
1C-2Bh
Reserved
2C-2Fh
Subsystem ID
Subsystem Vendor ID
30-33h
Reserved
34-37h
Reserved
Cap Pointer
38-3Bh
Reserved
3C-3Fh
Maximum Latency
Minimum Grant
Interrupt Pin
Interrupt Line
40-43h
Extended Legacy Audio Control
Legacy Audio Control
44-47h
Subsystem ID Write
Subsystem Vendor ID Write
48-4Bh
DS-1E Power Control 1
DS-1E Control
4C-4Fh
DS-1E Power Control 2
D-DMA Slave Configuration
50-53h
Power Management Capabilities
Next Item Pointer
Capability ID
54-57h
Reserved
Power Management Control / Status
58-5Bh
DS-1E Secondary AC’97 Power Control
ACPI Mode
5C-5Fh
Reserved
60-63h
Sound Blaster Base Address
FM Synthesizer Base Address
64-67h
Joystick Base Address
MPU401 Base Address
68-FFh
Reserved
Reserved
registers are hardwired to “0”.
All data written to these registers are discarded.
The values
read from these registers are all zero.
DS-1E can be accessed by using any bus width, 8-bit, 16-bit or 32-bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com