Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 7Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 8Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 9Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 10Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 11Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 12Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 13Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 14Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
YMF754
June 28, 1999
-11-
00-01h: Vendor ID
Read Only
Default: 1073h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Vendor ID
b[15:0] ........Vendor ID
This register contains the YAMAHA Vendor ID registered in Revision 2.2.
This register is hardwired to
1073h.
02-03h: Device ID
Read Only
Default: 0012h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Device ID
b[15:0] ........Device ID
This register contains the Device ID of DS-1E.
This register is hardwired to 0012h.
04-05h: Command
Read / Write
Default: 0000h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
-
SER
-
PER
-
-
-
BME
MS
IOS
b0................IOS: I/O Space
This bit is a dummy one that is capable of writing.
This bit indicates for BIOS or OS that DS-1E
includes I/O devices.
b1................MS: Memory Space
This bit enables DS-1E to response to Memory Space Access.
“0”: DS-1E ignores Memory Space Access.
(default)
“1”: DS-1E responds to Memory Space Access.
b2................BME: Bus Master Enable
This bit enables DS-1E to act as a master device on the PCI bus.
“0”: Do not set DS-1E to be the master device.
(default)
“1”: Set DS-1E to be the master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com