Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 42 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 42 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 38Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 39Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 40Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 41Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 42Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 43Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 44Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 45Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 46Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
YMF754
June 28, 1999
-42-
2-2-4. SB IRQ Status
F8h: Interrupt Flag Register
Read Only
Default: 00h
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
-
SBI
b0................SBI: SB Interrupt Flag
This bit indicates that the SB DSP occurs the interrupt.
This bit is read only.
Thus, read the SB DSP
read port to clearing the interrupt and this bit.
Then, the value of the read port is invalid.
2-3. MPU401
MPU401 block is for transmitting and receiving MIDI data.
It is compatible with UART mode of
“MPU401”. Full duplex operation is possible using the 16-byte FIFO for each direction, transmitting and
receiving.
The following shows the MPUBase I/O map for MPU401.
MPUBase
(R/W)
MIDI Data port
MPUBase + 1h
(R)
Status Register port
MPUBase + 1h
(W)
Command Register port
port
D7
D6D5D4
D3D2
D1D0
+0h
Data
+1h (W)
Command
+1h (R)
/DSR
/DRR
--
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com