Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 5 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 5 Page - YAMAHA CORPORATION

  YMF754-R Datasheet HTML 1Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 2Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 3Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 4Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 5Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 6Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 7Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 8Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
YMF754
June 28, 1999
-5-
PIN DESCRIPTION
1. PCI Bus Interface (54-pin)
Name
I/O
Type
Size
Function
PCICLK
I
P
-
PCI Clock
RST#
I
P
-
Reset
AD[31:0]
IO
Ptr
-
Address / Data
C/BE[3:0]#
IO
Ptr
-
Command / Byte Enable
PAR
IO
Ptr
-
Parity
FRAME#
IO
Pstr
-
Frame
IRDY#
IO
Pstr
-
Initiator Ready
TRDY#
IO
Pstr
-
Target Ready
STOP#
IO
Pstr
-
Stop
IDSEL
I
P
-
ID Select
DEVSEL#
IO
Pstr
-
Device Select
REQ#
O
P
-
PCI Bus Master Request
GNT#
I
P
-
PCI Bus Master Grant
PCREQ#
O
Ptr
-
PC/PCI Request
PCGNT#
I
Ptr
-
PC/PCI Grant
PERR#
IO
Pstr
-
Parity Error
SERR#
O
Pod
-
System Error
INTA#
O
Pod
-
Interrupt signal output for PCI Bus
SERIRQ#
IO
Ptr
-
Serialized IRQ
CLKRUN#
IO
Ptr
-
Clock Run
2. AC’97 Interface (8-pin)
Name
I/O
Type
Size
Function
CRST#
O
T
6mA
Reset signal for AC’97
CMCLK
O
C
-
Master Clock for AC’97 (24.576MHz)
CBCLK
I
T
-
AC-link: Bit Clock for AC’97 audio data
CSDO
O
T
6mA
AC-link: AC’97 Serial audio output data
CSYNC
O
T
6mA
AC-link: AC’97 Synchronized signal
CSDI0
I
T
-
AC-link: AC’97 Serial audio input data (Primary)
CSDI1
I
Tup
-
AC-link: AC’97 Serial audio input data (Secondary)
DOCKEN#
I
Tup
-
Secondary AC’97 Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com