Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 41 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 41 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 37Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 38Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 39Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 40Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 41Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 42Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 43Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 44Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 45Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
YMF754
June 28, 1999
-41-
b7................FFEMP: FM Synthesizer Empty
This bit indicates whether or not FIFO followed by the FM Synthesizer is empty.
“0”: not Empty
“1”: Empty
(default)
i) Scan Out
SBPDA=0
SBPDR=1
SBPDA=1
SM=1
SS=1
SE=1 -> 0
SE=1 -> 0
: not ready for scanning
internal state data
:
inhibit further DMA,
internal state shutdown
: ready for scanning
internal state data
: internal state read out
: reading internal state
: shifting internal state
scan data out 1-bit at a time
8 times
N times
: internal state
scan data out
Scan Data (Read)
Suspend Preparation
ii) Scan In
SBPDA=0
SBPDR=1
SBPDA=1
SM=0
SS=1
: not ready for scanning
internal state data
: inhibit further DMA,
internal state shutdown
: ready for scanning
internal state data
:
internal state write in
: writing internal state
:
shifting internal state
scan data in 1-bit at a time
8 times
N times
:
internal state
scan data in
Scan Data (Write)
Resume Completion
SM=0
SS=0
SBPDR=0
N = 34 byte (Total Scan Data = 268 bit (33 byte x 8 + 4 bit))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com