Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 36 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 36 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 32Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 33Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 34Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 35Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 36Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 37Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 38Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 39Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 40Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
YMF754
June 28, 1999
-36-
2-2-1. DSP Command
The following shows the list of DSP Commands that are supported by the SB Pro engine.
Both SB and
SB Pro commands are supported.
CMD Support Function
10h
o
8bit direct mode single byte digitized sound output
14h
o
8bit single-cycle DMA mode digitized sound output
16h
8bit to 2bit ADPCM single-cycle DMA mode digitized sound output
17h
8bit to 2bit ADPCM single-cycle DMA mode digitized sound output with ref. byte
1Ch
o
8bit auto-init DMA mode digitized sound output
1Fh
8bit to 2bit ADPCM auto-init DMA mode digitized sound output with ref. byte
20h(*1)
o
8bit direct mode single byte digitized sound input
24h(*1)
o
8bit single-cycle DMA mode digitized sound input
2Ch(*1)
o
8bit auto-init DMA mode digitized sound input
30h
o
Polling mode MIDI input
31h
o
Interrupt mode MIDI input
34h
o
UART polling mode MIDI I/O
35h
o
UART interrupt mode MIDI I/O
36h(*2)
o
UART polling mode MIDI I/O with time stamping
37h(*2)
o
UART interrupt mode MIDI I/O with time stamping
38h
o
MIDI output
40h
o
Set digitized sound transfer Time Constant
48h
o
Set DSP block transfer size
74h
o
8bit to 4bit ADPCM single-cycle DMA mode digitized sound output
75h
o
8bit to 4bit ADPCM single-cycle DMA mode digitized sound output with ref. byte
76h
8bit to 3bit ADPCM single-cycle DMA mode digitized sound output
77h
8bit to 3bit ADPCM single-cycle DMA mode digitized sound output with ref. byte
7Dh
o
8bit to 4bit ADPCM auto-init DMA mode digitized sound output with ref. byte
7Fh
8bit to 3bit ADPCM auto-init DMA mode digitized sound output with ref. byte
80h
o
Pause DAC for a duration
90h
o
8bit high-speed auto-init DMA mode digitized sound output
91h
o
8bit high-speed single-cycle DMA mode digitized sound output
98h(*1)
o
8bit high-speed auto-init DMA mode digitized sound input
99h(*1)
o
8bit high-speed single-cycle DMA mode digitized sound input
A0h(*1)
o
Set input mode to mono
A8h(*1)
o
Set input mode to stereo
D0h
o
Pause 8bit DMA mode digitized sound I/O
D1h(*3)
o
Turn on speaker
D3h(*3)
o
Turn off speaker
D4h
o
Continue 8bit DMA mode digitized sound I/O
D8h
o
Get speaker status
DAh
o
Exit 8bit auto-init DMA mode digitized sound I/O
E1h
o
Get DSP version number
Note:
(*1) The SB Block responds correctly to the commands for recording and also executes the DMA transfer.
80h is always transferred.
(*2) Only output is supported for this command.
(*3) This command only changes Speaker Status (D8h).
Undocumented commands other than the ones listed above are also supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com