Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 27 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 27 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 23Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 24Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 25Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 26Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 27Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 28Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 29Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 30Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 31Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
YMF754
June 28, 1999
-27-
50h: Capability ID
Read Only
Default: 01h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Capability ID
b[7:0] ..........Capability ID: Capability Identifier
This register indicates that the new capability register is for Power Management control.
This register is
hardwired to 01h.
51h: Next Item Pointer
Read Only
Default: 00h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Next Item Pointer
b[7:0] ..........Next Item Pointer
DS-1E does not provide other new capability besides Power Management.
This register is hardwired to
00h.
52-53h: Power Management Capabilities
Read Only
Default: 0401h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
D2S
-
-
-
-
-
-
-
Version
b[2:0] ..........Version
These bits contain the revision number of the Power Management Interface Specification.
They are
hardwired to 001b.
b10..............D2S: D2 Support
This bit indicates that DS-1E support “D2” of the power state.
It is hardwired to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com