Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 26 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 26 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 22Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 23Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 24Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 25Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 26Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 27Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 28Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 29Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 30Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
YMF754
June 28, 1999
-26-
b11..............PSIO: Power Save I/O Pad
Setting this bit to “1” cuts the pull up resistor of the input pins except for the PCI interface and AC-Link.
The input signals keep the level before PSIO bit is set from “0” to “1”.
In case the input level is only
“low”, the pull up resistor is cut.
“0”: Normal
(default)
“1”: Cuts the pull up resistor
b12..............PSHWV: Power Save Hardware Volume
Setting this bit to “1” stops a clock supplied to the Hardware Volume block.
“0”: Normal
(default)
“1”: Disable
PCI
Clock
(33MHz)
PCI I/F
PC/PCI
D-DMA
S-IRQ
EEPROM I/F
I/O Pad
PSIO
External Input
Master
Clock
(24.576MHz)
PLL
DMC
DPLL
FM Synthesizer
SB Pro
AC-link
ZVport
H/W Vol.
PCI Audio
SRC
SPDIF OUT
SPDIF IN
AC97 Master Clock
MPU401
Joystick
CMCD
PSFM
PSSB
PSMPU
PSJOY
PSPCA
PSSRC
PSZV
PSDIT
PSDIR
PSACL
PSHWV
Power Management Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com