Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 20 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 20 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 16Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 17Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 18Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 19Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 20Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 21Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 22Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 23Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 24Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
YMF754
June 28, 1999
-20-
b15..............LAD: Legacy Audio Disable
This bit disables the Legacy Audio block.
“0”: Enables the Legacy Audio block
“1”: Disables the Legacy Audio block
(default)
When this bit is set to “1”, DS-1E does not respond to the I/O Target transaction for legacy I/O address on
the PCI bus.
42-43h: Extended Legacy Audio Control
Read / Write
Default: 0000h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
IMOD
SBVER
SMOD
-
-
MAIM
-
-
-
-
-
-
-
-
b8................MAIM: MPU401 Acknowledge Interrupt Mask
This bit determine whether interrupt is asserted when the acknowledge, which is occurred by changing
MPU401 mode form default to UART, is returned.
“0”: Interrupt is asserted when the acknowledge is returned.
(default)
“1”: Interrupt is masked when the acknowledge is returned.
b[12:11] ......SMOD: SB DMA mode
These bits determine the protocol to achieve the DMAC(8237) function on the PCI bus.
“0”:
PC/PCI
(default)
“1”:
reserved
“2”:
Distributed DMA (D-DMA)
“3”
reserved
b[14:13] ......SBVER: SB Version Select
These bits set the version of the SB Pro DSP.
The value set in these bits is returned by sending the E1h
DSP command.
“0”:
ver 3.01
(default)
“1”:
ver 2.01
“2”:
ver 1.05
“3”:
reserved
b15..............IMOD: Legacy IRQ mode
The legacy interrupt protocol is selected with IMOD and SIEN.
Refer to the explanation of SIEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com