Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 50 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 50 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 46Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 47Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 48Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 49Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 50Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 51Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 52Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 53Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 54Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
YMF754
June 28, 1999
-50-
8. Multiple AC’97 & Multi-Channel
DS-1E allows connection with up to two AC’97s, and plays back up to 4-channel PCM data.
Therefore, the
following applications can be realized.
8-1. AC’97 Digital Docking
AC’97 digital docking can be realized by mounting the secondary AC’97 on the docking station side. Typical
example of digital docking connection between DS-1E and AC’97s is represented in the diagram below.
Primary AC'97
(AC'97 Rev2.1)
Secondary AC'97
DS-1E
PC Side
Docking Station Side
CMCLK
XTL_IN
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
RESET#
XTL_IN
BIT_CLK
SYNC
SDATA_OUT
RESET#
SDATA_IN
CBCLK
CSYNC
CSDO
CSDI0
RST#
GPIO2
DOCKEN#
CSDI1
DVDD
Isolation Buffer
When digital docking interface is made with the main side (PC side) powered on, but docking station side
powered off, it may be not desirable for the secondary AC’97 that each output signal from the AC-Link is
applied to the secondary AC’97 that remains in powered off state.
In order to avoid such a situation, it is
necessary to place an additional isolation buffer on the PC side (or docking station side).
8-2. 4-Channel Speaker System
4-channel speaker system can be realized by the connection of DS-1E with two 2-channel AC’97s as
described at “8-1. AC’97 Digital Docking” or using the AC’97 that includes 4-channel D/A converters.
Then, 4-channel PCM data can be played back at one time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com