Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 14 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 14 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 10Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 11Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 12Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 13Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 14Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 15Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 16Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 17Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 18Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
YMF754
June 28, 1999
-14-
0Dh: Latency Timer
Read / Write
Default: 00h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Latency Timer
b[7:0] ..........Latency Timer
When DS-1E becomes a Bus Master device, this register indicates the initial value of the Master Latency
Timer.
0Eh: Header Type
Read Only
Default: 00h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Header Type
b[7:0] ..........Header Type
This register indicates the device type of DS-1E.
This is hardwired to 00h.
10-13h: PCI Audio Memory Base Address
Read / Write
Default: 00000000h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
MBA
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
MBA (higher)
b[31:15] ......MBA: Memory Base Address
This register indicates the physical Memory Base address of the PCI Audio registers in DS-1E.
The base
address can be located anywhere in the 32-bit address space.
Data in the DS-1E register is not
prefetchable.
Size of the register to be mapped into the memory space is 32,768 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com