Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 28 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 28 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 24Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 25Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 26Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 27Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 28Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 29Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 30Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 31Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 32Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
YMF754
June 28, 1999
-28-
54-55h: Power Management Control / Status
Read / Write
Default: 0000h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PS
b[1:0] ..........PS: Power State
These bits determine the power state of DS-1E.
DS-1E supports the following power states:
“0”:
D0
“1”:
D1
(not supported)
“2”:
D2
“3”:
D3hot
When the power state is changed from D3hot to D0, DS-1E resets the PCI Configuration register 00-3Fh.
DS-1E transits to D0 Uninitialized state.
Though the power state of this register is changed, the power consumption of DS-1E is not changed.
To
support low power, Windows driver controls DS-1E Power Control 1 / DS-1E Power Control 2 / DS-1E
Control / DS-1E Secondary AC’97 Power Control registers.
DS-1E can support the power state of D0, D1, D2 and D3 with ACPI.
In this case, set ACPI bit (58-59h:
ACPI Mode Register) to “1” to disable Capabilities of PCI Bus Power Management.
58-59h: ACPI Mode
Read / Write
Default: 0000h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
ACPI
b0................ACPI: ACPI Mode Select
This bit select either PCI Bus Power Management or ACPI Mode for power management of DS-1E.
“0”: PCI Bus Power Management is used.
CAP bit (06-07h: Status Register) and Capabilities Pointer
(34h) are enabled.
(default)
“1”: ACPI Mode is used.
CAP bit and Capabilities Pointer are hardwired “0”, and disabled.
5A-5Bh: DS-1E Secondary AC’97 Power Control
Read / Write
Default: 0000h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
-
-
SPR7 SPR6 SPR5 SPR4 SPR3 SPR2 SPR1 SPR0
b0................SPR0: Secondary AC’97 Power Down Control 0
This bit controls the power state of the ADC and Input Mux in the Secondary AC’97.
“0”: Normal
(default)
“1”: Power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com