Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 38 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 38 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 34Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 35Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 36Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 37Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 38Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 39Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 40Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 41Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 42Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
YMF754
June 28, 1999
-38-
(1) Volume for MIDI
MIDI Vol. (26h)
012345
67
mute
mute
mute
mute
mute
mute
mute
mute
0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
0000h
mute
-52dB
-42dB
-36dB
-32dB
-30dB
-28dB
-26dB
1
0000h
0029h
0082h
0103h
019Bh
0206h
028Ch
0335h
mute
-42dB
-32dB
-26dB
-22dB
-20dB
-18dB
-16dB
2
0000h
0082h
019Bh
0335h
0515h
0666h
080Eh
0A24h
mute
-36dB
-26dB
-20dB
-16dB
-14dB
-12dB
-10dB
3
0000h
0103h
0335h
0666h
0A24h
0CC5h
1013h
143Dh
mute
-32dB
-22dB
-16dB
-12dB
-10dB
-8dB
-6dB
4
0000h
019Bh
0515h
0A24h
1013h
143Dh
197Ah
2013h
mute
-30dB
-20dB
-14dB
-10dB
-8dB
-6dB
-4dB
5
0000h
0206h
0666h
0CC5h
143Dh
197Ah
2013h
2861h
mute
-28dB
-18dB
-12dB
-8dB
-6dB
-4dB
-2dB
6
0000h
028Ch
080Eh
1013h
197Ah
2013h
2861h
32D6h
mute
-26dB
-16dB
-10dB
-6dB
-4dB
-2dB
0dB
7
0000h
0335h
0A24h
143Dh
2013h
2861h
32D6h
3FFFh
The default is Master = 4, MIDI = 4 (-12dB).
(2) Volume for Voice
Voice Vol. (04h)
012345
67
mute
mute
mute
mute
mute
mute
mute
mute
0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
0000h
mute
-56dB
-46dB
-40dB
-36dB
-34dB
-32dB
-30dB
1
0000h
0019h
0052h
00A3h
0103h
0146h
019Bh
0206h
mute
-46dB
-36dB
-30dB
-26dB
-24dB
-22dB
-20dB
2
0000h
0052h
0103h
0206h
0335h
0409h
0515h
0666Eh
mute
-40dB
-30dB
-24dB
-20dB
-18dB
-16dB
-14dB
3
0000h
00A3h
0206h
0409h
0666h
080Eh
0A24h
0CC5h
mute
-36dB
-26dB
-20dB
-16dB
-14dB
-12dB
-10dB
4
0000h
0103h
0335h
0666h
0A24h
0CC5h
1013h
143Dh
mute
-34dB
-24dB
-18dB
-14dB
-12dB
-10dB
-8dB
5
0000h
0146h
0409h
080Eh
0CC5h
1013h
143Dh
197Ah
mute
-32dB
-22dB
-16dB
-12dB
-10dB
-8dB
-6dB
6
0000h
019Bh
0515h
0A24h
1013h
143Dh
197Ah
2013h
mute
-30dB
-20dB
-14dB
-10dB
-8dB
-6dB
-4dB
7
0000h
0206h
0666h
0CC5h
143Dh
187Ah
2013h
2861h
The default is Master = 4, Voice = 4 (-16dB).
(2) SB Mixer
® AC’97
The volume of CD, Line and MIC are applied to this case.
AC’97 volume are not updated automatically
when these values are changed.
Thus, the SB Mixer values need to be written to the AC’97 register with
the software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com