Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 35 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 35 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 31Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 32Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 33Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 34Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 35Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 36Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 37Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 38Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 39Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
YMF754
June 28, 1999
-35-
2-2. Sound Blaster Pro Block
Sound Blaster Pro block emulates the DSP commands of Sound Blaster and Sound Blaster Pro.
Only
playback functions are supported (record functions are not supported).
However, to maintain
compatibility for games, it is designed so that every DSP command receives a correct response.
The DMA transfer of this block uses PC/PCI or D-DMA protocol.
The following shows the SBBase I/O map of SB Pro.
SBBase
(R)
FM Synthesizer Status port
SBBase
(W)
FM Synthesizer Address port for Register Array 0
SBBase+1h
(R/W)
FM Synthesizer Data register
SBBase+2h
(W)
FM Synthesizer Address port for Register Array 1
SBBase+3h
(R/W)
FM Synthesizer Data port
SBBase+4h
(R/W)
SB Mixer Address port
SBBase+5h
(R/W)
SB Mixer Data port
SBBase+6h
(W)
SB DSP Reset port
SBBase+8h
(R)
FM Synthesizer Status port
SBBase+8h
(W)
FM Synthesizer Address port for Register Array 0
SBBase+9h
(R/W)
FM Synthesizer Data port
SBBase+Ah
(R)
DSP Read Data port
SBBase+Ch
(R)
DSP Write-buffer status port
SBBase+Ch
(W)
DSP Write Command/Data port
SBBase+Eh
(R)
DSP Read-buffer status port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com