Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 45 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 45 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 41Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 42Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 43Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 44Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 45Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 46Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 47Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 48Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 49Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
YMF754
June 28, 1999
-45-
3-2. D-DMA
DS-1E provides the following registers to support D-DMA.
D-DMA Slave Configuration Register (4C-
4Dh) of the PCI Configuration register is used to set the Base address of the Slave Address.
Slave Address
R/W
Register Name
Base + 0h
W
Base Address 0-7
Base + 0h
R
Current Address 0-7
Base + 1h
W
Base Address 8-15
Base + 1h
R
Current Address 8-15
Base + 2h
W
Base Address 16-23
Base + 2h
R
Current Address 16-23
Base + 3h
W
Base Address 24-31
Base + 3h
R
Current Address 24-31
Base + 4h
W
Base Word Count 0-7
Base + 4h
R
Current Word Count 0-7
Base + 5h
W
Base Word Count 8-15
Base + 5h
R
Current Word Count 8-15
Base + 6h
W
Base Word Count 16-23
Base + 6h
R
Current Word Count 16-23
Base + 7h
N/A
Reserved
Base + 8h
W
Command
Base + 8h
R
Status
Base + 9h
W
Request
Base + Ah
N/A
Reserved
Base + Bh
W
Mode
Base + Ch
W
Reserved
Base + Dh
W
Master Clear
Base + Eh
N/A
Reserved
Base + Fh
R/W
Multi-Channel Mask
These registers can be accessed by 8-bit or 16-bit bus width.
DS-1E supports 8-bit DMA transfer only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com