Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 25 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 25 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 21Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 22Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 23Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 24Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 25Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 26Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 27Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 28Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 29Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
YMF754
June 28, 1999
-25-
b3................PSMPU: Power Save MPU401
Setting this bit to “1” stops a clock supplied to the MPU401 block.
“0”: Normal
(default)
“1”: Disable
b4................PSJOY: Power Save Joystick
Setting this bit to “1” disables the comparator of the Joystick block.
“0”: Normal
(default)
“1”: Disable
b5................PSPCA: Power Save PCI Audio
Setting this bit to “1” stops a clock supplied to the PCI Audio block.
“0”: Normal
(default)
“1”: Disable
b6................PSSRC: Power Save SRC
Setting this bit to “1” stops a clock supplied to the SRC block.
“0”: Normal
(default)
“1”: Disable
b7................PSZV: Power Save Zoomed Video port
Setting this bit to “1” stops a clock supplied to the Zoomed Video port block.
“0”: Normal
(default)
“1”: Disable
b8................PSDIT: Power Save Digital Audio Interface Transmitter
Setting this bit to “1” stops a clock supplied to the DIT (SPDIF OUT) block.
“0”: Normal
(default)
“1”: Disable
b9................PSDIR: Power Save Digital Audio Interface Receiver
Setting this bit to “1” stops a clock supplied to the DIR (SPDIF IN) block.
“0”: Normal
(default)
“1”: Disable
b10..............PSACL: Power Save AC-Link
Setting this bit to “1” stops a clock supplied to the AC-Link block.
“0”: Normal
(default)
“1”: Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com