Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 30 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 30 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 26Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 27Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 28Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 29Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 30Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 31Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 32Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 33Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 34Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
YMF754
June 28, 1999
-30-
60-61h: FM Synthesizer Base Address
Read / Write
Default: 0388h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
FM Synthesizer Base Address
-
-
b[15:2] ........FM Synthesizer Base Address
This register sets the base address of the FM synthesizer. If b5:I/O bit of 40h register is set to “1”, b[9:2]
bits are decoded by ignoring b[15:10] bits.
62-63h: Sound Blaster Base Address
Read / Write
Default: 0220h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Sound Blaster Base Address
-
-
-
-
b[15:4] ........Sound Blaster Base Address
This register sets the base address of the Sound Blaster. If b5:I/O bit of 40h register is set to “1”, b[9:4]
bits are decoded by ignoring b[15:10] bits.
64-65h: MPU401 Base Address
Read / Write
Default: 0330h
Access Bus Width: 8, 16, 32-bit
b15
b14
B13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
MPU401 Base Address
-
b[15:1] ........MPU401 Base Address
This register sets the base address of the MPU401. If b5:I/O bit of 40h register is set to “1”, b[9:1] bits are
decoded by ignoring b[15:10] bits.
66-67h: Joystick Base Address
Read / Write
Default: 0201h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Joystick Base Address
b[15:0] ........Joystick Base Address
This register sets the base address of the Joystick. If b5:I/O bit of 40h register is set to “1”, b[9:0] bits are
decoded by ignoring b[15:10] bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com