Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 74Page - STMicroelectronics ST7FLCD1 Datasheet HTML 75Page - STMicroelectronics ST7FLCD1 Datasheet HTML 76Page - STMicroelectronics ST7FLCD1 Datasheet HTML 77Page - STMicroelectronics ST7FLCD1 Datasheet HTML 78Page - STMicroelectronics ST7FLCD1 Datasheet HTML 79Page - STMicroelectronics ST7FLCD1 Datasheet HTML 80Page - STMicroelectronics ST7FLCD1 Datasheet HTML 81Page - STMicroelectronics ST7FLCD1 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
8-bit Timer (TIMA)
ST7FLCD1
78/95
13.4
Register Description
TIMER A CONTROL STATUS REGISTER (TIMCSRA)
Read/Write
Reset Value: (00h)
Bits [7:6] = TB[1:0] Time Base period selection
These bits are set and cleared by software.
00 Time base period = tTIMER (256 µs @ 8 MHz)
01 Time base period = tTIMER x 8 (2048 µs @ 8 MHz)
10 Time base period = tTIMER x 64 (16384 µs @ 8 MHz)
11 Reserved
Bit 5 = OVF Timer Overflow Flag.
This bit is set by hardware. An interrupt is generated if OVFE = 1. It must be cleared by reading the
TIMCSRA register.
0
No timer overflow.
1
The free-running downcounter reached 00h.
Bit 4 = OVFE Timer Overflow Interrupt Enable.
This bit is set and cleared by software.
0
Interrupt disabled
1
Interrupt enabled
Bit 3 = TAR Timer Auto-Reload
This bit is set and cleared by software.
0
One-shot mode. The counter restarts after a write in the TIMCPRA register.
1
Auto-Reload mode. The counter is reloaded automatically by the TIMCPRA register after the
downcounter reaches 00h.
Bits [2:1] = BUZ[1:0] Buzzer tone selection
These bits are set and cleared by software.
00 Time base frequency = fTIMER/16 (244 Hz @ 8 MHz)
01 Time base frequency = fTIMER/8 (488 Hz @ 8 MHz)
10 Time base frequency = fTIMER/4 (976 Hz@ 8 MHz)
11 Time base frequency = fTIMER/2 (1.95 kHz @ 8 MHz)
Table 27: Timer Controller Register Map
Address
Reset
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
000Dh
00h
R/W
TIMCSRA
TB1
TB0
OVF
OVFE
TAR
BUZ1
BUZ0
BUZE
000Eh
00h
R/W
TIMCPRA
PR7
PR6
PR5
PR4
PR3
PR2
PR1
PR0
76
54
321
0
TB1
TB0
OVF
OVFE
TAR
BUZ1
BUZ0
BUZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com