Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 7Page - STMicroelectronics ST7FLCD1 Datasheet HTML 8Page - STMicroelectronics ST7FLCD1 Datasheet HTML 9Page - STMicroelectronics ST7FLCD1 Datasheet HTML 10Page - STMicroelectronics ST7FLCD1 Datasheet HTML 11Page - STMicroelectronics ST7FLCD1 Datasheet HTML 12Page - STMicroelectronics ST7FLCD1 Datasheet HTML 13Page - STMicroelectronics ST7FLCD1 Datasheet HTML 14Page - STMicroelectronics ST7FLCD1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
11/95
ST7FLCD1
General Information
1.6
Memory Map
Note:1. Refer to Table 2: Hardware Register Memory Map.
2. Area FF00h to FFDFh is reserved in the event of ICD use. (For more information, refer to
Application Note 1581.)
3. Refer to Table 3: Interrupt Vector Map.
Figure 4: Program Memory Map
Table 2: Hardware Register Memory Map (Sheet 1 of 3)
Address
Block
Register
Register Name
Reset
Status
Remarks
0000h
NAME
NAMER
Circuit Name Register
00h
Read
0001h
MISC
MISCR
Miscellaneous Register
00h
R/W
0002h
Port A
PADR
Port A Data Register
00h
R/W
0003h
PADDR
Port A Data Direction Register
00h
R/W
0004h
Port B
PBDR
Port B Data Register
00h
R/W
0005h
PBDDR
Port B Data Direction Register
00h
R/W
0006h
Port C
PCDR
Port C Data Register
00h
R/W
0007h
PCDDR
Port C Data Direction Register
00h
R/W
0000h
RAM
Interrupt & Reset Vectors
HW Registers
0040h
16-bit Addressing
003Fh
0FFFh
0100h
01FFh
FFE0h
FFFFh
1000h
0200h
083Fh
0840h
SECTOR 0
SECTOR 1
SECTOR 2
Short Addressing
RAM (zero page)
Stack
EDIDA
EDIDB
0600h
(See Note 1)
(See Note 3)
F000h
E000h
FF00h
FFDFh
(See Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com