Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 11Page - STMicroelectronics ST7FLCD1 Datasheet HTML 12Page - STMicroelectronics ST7FLCD1 Datasheet HTML 13Page - STMicroelectronics ST7FLCD1 Datasheet HTML 14Page - STMicroelectronics ST7FLCD1 Datasheet HTML 15Page - STMicroelectronics ST7FLCD1 Datasheet HTML 16Page - STMicroelectronics ST7FLCD1 Datasheet HTML 17Page - STMicroelectronics ST7FLCD1 Datasheet HTML 18Page - STMicroelectronics ST7FLCD1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
15/95
ST7FLCD1
Central Processing Unit (CPU)
2
Central Processing Unit (CPU)
This CPU has a full 8-bit architecture and contains six internal registers allowing efficient 8-bit data
manipulation.
2.1
Main Features
●
Enable executing 63 basic instructions
●
Fast 8-bit by 8-bit multiply
●
17 main addressing modes (with indirect addressing mode)
●
Two 8-bit index registers
●
16-bit stack pointer
●
8 MHz CPU internal frequency (9 MHz maximum)
●
Wait and Halt Low Power modes
●
Maskable hardware interrupts
●
Non-maskable software interrupt
2.1.1
CPU Registers
The 6 CPU registers shown in Figure 5 are not present in the memory mapping and are accessed
by specific instructions.
Accumulator (A)
The Accumulator is an 8-bit general purpose register that holds operands and results of arithmetic
and logic calculations. It also manipulates data.
Index Registers (X and Y)
In indexed addressing modes, these 8-bit registers are used to create either effective addresses or
temporary storage areas for data manipulation. (The Cross-Assembler generates a previous
instruction (PRE) to indicate that next instruction refers to the Y register.)
The Y register is not affected by interrupt automatic procedures (not pushed to and popped from the
stack).
Program Counter (PC)
The program counter is a 16-bit register containing the address of next instruction the CPU
executes. The program counter consists of two 8-bit registers:
PCL (Program Counter Low which is the LSB)
PCH (Program Counter High which is the MSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com