Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 47Page - STMicroelectronics ST7FLCD1 Datasheet HTML 48Page - STMicroelectronics ST7FLCD1 Datasheet HTML 49Page - STMicroelectronics ST7FLCD1 Datasheet HTML 50Page - STMicroelectronics ST7FLCD1 Datasheet HTML 51Page - STMicroelectronics ST7FLCD1 Datasheet HTML 52Page - STMicroelectronics ST7FLCD1 Datasheet HTML 53Page - STMicroelectronics ST7FLCD1 Datasheet HTML 54Page - STMicroelectronics ST7FLCD1 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 95 page
background image
51/95
ST7FLCD1
8-bit Analog-to-Digital Converter (ADC)
CONTROL/STATUS REGISTER (ADCCSR)
Read/Write
Reset Value: (00h)
Bit 7 = COCO Conversion Complete
This bit is set by hardware. It is cleared by software by reading the result in the DR register or writing
to the CSR register.
0
Conversion is not complete (default)
1
Conversion can be read from the DR register.
Bit 6 = Reserved. This bit must be cleared by software.
Bit 5 = ADON A/D converter On
This bit is set and cleared by software.
0
A/D converter is switched off (default)
1
A/D converter is switched on
Note:
Remember that the ADC needs time to stabilize after the ADON bit is set.
Bits [4:2] = Reserved. Forced to 0 by hardware.
Bits [1:0] = CH[1:0] Channel Selection.
These bits are set and cleared by software. They select the analog input to be converted.
DATA REGISTER (ADCDR)
Read Only
Reset Value: (00h)
Bits [7:0] = AD[7:0] Analog Converted Value.
This register contains the converted analog value in the range 00h to FFh.
Reading this register resets the COCO flag.
76
54
321
0
COCO
0
ADON
0
0
0
CH1
CH0
Table 20: Channel Selection
Pin
CH1
CH0
AIN0 (Default)
00
AIN1
0
1
AIN2
1
0
AIN3
1
1
76
54
321
0
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com