Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 13Page - STMicroelectronics ST7FLCD1 Datasheet HTML 14Page - STMicroelectronics ST7FLCD1 Datasheet HTML 15Page - STMicroelectronics ST7FLCD1 Datasheet HTML 16Page - STMicroelectronics ST7FLCD1 Datasheet HTML 17Page - STMicroelectronics ST7FLCD1 Datasheet HTML 18Page - STMicroelectronics ST7FLCD1 Datasheet HTML 19Page - STMicroelectronics ST7FLCD1 Datasheet HTML 20Page - STMicroelectronics ST7FLCD1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 95 page
background image
17/95
ST7FLCD1
Central Processing Unit (CPU)
Bit 3 = I Interrupt mask.
This bit is set by hardware by an interrupt or by software that disables all interrupts except the TRAP
software interrupt. This bit is cleared by software.
0:
Interrupts are enabled.
1:
Interrupts are disabled.
This bit is controlled by the RIM, SIM and IRET instructions and is tested by the JRM and JRNM
instructions.
Interrupts requested when the I bit is set are latched and processed when the I bit is cleared. By
default an interrupt routine is not interruptible as the I bit is set by hardware when you enter it and
reset by the IRET instruction at the end of interrupt routine. In case the I bit is cleared by software
during the interrupt routine, pending interrupts are serviced regardless of the priority level of the
current interrupt routine.
Bit 2 = N Negative.
This bit is set and cleared by hardware. It is representative of the result sign of the last arithmetic,
logical or data manipulation. It is a copy of the 7th bit of the result.
0:
The last operation result is positive or null.
1:
The last operation result is negative (i.e. the most significant bit is a logic 1).
This bit is accessed by the JRMI and JRPL instructions.
Bit 1 = Z Zero.
This bit is set and cleared by hardware. This bit indicates that the result of the last arithmetic, logical
or data manipulation is zero.
0:
The result of the last operation is different from zero.
1:
The result of the last operation is zero.
This bit is accessed by the JREQ and JRNE test instructions.
Bit 0 = C Carry/borrow.
This bit is set and cleared by hardware and software. Informs if an overflow or underflow occurred
during the last arithmetic operation.
0:
No overflow or underflow has occurred.
1:
An overflow or underflow has occurred.
This bit is driven by the SCF and RCF instructions and tested by the JRC and JRNC instructions. It
is also affected by the “bit test and branch”, shift and rotate instructions.
STACK POINTER (SP)
Read/Write
Reset Value: 01 FFh
15
8
0
000
00
01
7
0
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com