Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 82Page - STMicroelectronics ST7FLCD1 Datasheet HTML 83Page - STMicroelectronics ST7FLCD1 Datasheet HTML 84Page - STMicroelectronics ST7FLCD1 Datasheet HTML 85Page - STMicroelectronics ST7FLCD1 Datasheet HTML 86Page - STMicroelectronics ST7FLCD1 Datasheet HTML 87Page - STMicroelectronics ST7FLCD1 Datasheet HTML 88Page - STMicroelectronics ST7FLCD1 Datasheet HTML 89Page - STMicroelectronics ST7FLCD1 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 95 page
background image
Registers
ST7FLCD1
86/95
001Ah
Reserved
001Bh
7F
R/W
WDGCR
WDGA
T[6:0]
001Ch
00h
R/W
I2CCR
00
PE
0
START
ACK
STOP
ITE
001Dh
00h
R
I2CSR
EVF
AF
TRA
0
BTF
0
M/IDL
SB
001Eh
00h
R/W
I2CCCR
FM/SM
Filteroff
CC[5:0]
001Fh
00h
R/W
I2CDR
DR[7:0]
0020h
00h
R/W
DDCCRA
0
0
PE
DDCCIEN
0
ACK
STOP
ITE
0021h
00h
R
DDCSR1A
EVF
0
TRA
BUSY
BTF
ADSL
0
0
0022h
00h
R
DDCSR2A
0
0
0
AF
STOPF
0
BERR
DDCCIF
0023h
00h
R/W
DDCOAR1A
ADD[7:1]
0
0024h
00h
R/W
DDCOAR2A
ADD[7:1]
0
0025h
00h
R/W
DDCDRA
DR[7:0]
0026h
Reserved
0027h
00h
R/W
DDCDCRA
0
0
ENDCF
ENDCE
EDF
EDE
WP
DDC2BP
E
0028h
00h
R/W
DDCCRB
0
0
PE
DDCCIEN
0
ACK
STOP
ITE
0029h
00h
R
DDCSR1B
EVF
0
TRA
BUSY
BTF
ADSL
0
0
002Ah
00h
R
DDCSR2B
0
0
0
AF
STOPF
0
BERR
DDCCIF
002Bh
00h
R/W
DDCOAR1B
ADD[7:1]
0
002Ch
00h
R/W
DDCOAR2B
ADD[7:1]
0
002Dh
00h
R/W
DDCDRB
DR[7:0]
002Eh
Reserved
002Fh
00h
R/W
DDCDCRB
0
0
ENDCF
ENDCE
EDF
EDE
WP
DDC2BP
E
0030h
00h
R/W
DMCR
WDGOFF
MTR
BC2
BC1
BC0
BIR
BIW
AIE
0031h
10h
R
DMSR
WP
STE
STF
RST
BRW
BK2F
BK1F
AF
0032h
FFh
R/W
DMBK1H
BK1H7
BK1H6
BK1H5
BK1H4
BK1H3
BK1H2
BK1H1
BK1H0
0033h
FFh
R/W
DMBK1L
BK1L7
BK1L6
BK1L5
BK1L4
BK1L3
BK1L2
BK1L1
BK1L0
0034h
FFh
R/W
DMBK2H
BK2H7
BK2H6
BK2H5
BK2H4
BK2H3
BK2H2
BK2H1
BK2H0
0035h
FFh
R/W
DMBK2L
BK2L7
BK2L6
BK2L5
BK2L4
BK2L3
BK22L
BK2L1
BK2L0
0036h
00h
R/W
IFRDR
IR7
IR6
IR5
IR4
IR3
IR2
IR1
IR0
0037h
00h
R/W
IFRCR
0
0
0
ITE
FLSEL
POSED
NEGED
0
0038h
00h
R/W
TIMCSRB
TB1
TB0
OVF
OVFE
TAR
EXT
EDG
EEF
0039h
01h
R/W
TIMCPRB
PR7
PR6
PR5
PR4
PR3
PR2
PR1
PR0
003Ah
Reserved
Table 31: ST7FLCD1 Register Summary (Sheet 2 of 2)
Address Reset
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com