Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 41Page - STMicroelectronics ST7FLCD1 Datasheet HTML 42Page - STMicroelectronics ST7FLCD1 Datasheet HTML 43Page - STMicroelectronics ST7FLCD1 Datasheet HTML 44Page - STMicroelectronics ST7FLCD1 Datasheet HTML 45Page - STMicroelectronics ST7FLCD1 Datasheet HTML 46Page - STMicroelectronics ST7FLCD1 Datasheet HTML 47Page - STMicroelectronics ST7FLCD1 Datasheet HTML 48Page - STMicroelectronics ST7FLCD1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
45/95
ST7FLCD1
PWM Generator
Equations:
This Pulse Width modulated signal must be filtered, using an external RC network placed as close
as possible to the associated pin. This provides an analog voltage proportional to the average
charge through the external capacitor. Thus for a higher mark/space ratio (High time much greater
than Low time) the average output voltage is higher. The external components of the RC network
should be selected for the filtering level required for control of the system variable.
With:
REXT = 1 kW
fPWM = fCPU / (256 - ARR)
fCPU = 8 MHz
VDD = 5 V
Worst case, PWM Duty Cycle 50%
Table 16: Pulse WIdth in tCPU
Pulse WIdth in tCPU
DCR
³ ARR
DCR - ARR + 1
DCR = ARR
1
DCR < ARR
0 (Output will not toggle)
Table 17: 8-bit PWM Ripple after Filtering
CEXT
VRIPPLE
470 nF
60 mV
1µF
27mV
4.7 µF
6 mV
Duty Cycle =
DCR + 1
256 - ARR
VRIPPLE =
(1 - e 1/(2 x CEXT x REXT x fPWM))2
|1 - e 1/(CEXT x REXT x fPWM)|
x VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com