Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 45Page - STMicroelectronics ST7FLCD1 Datasheet HTML 46Page - STMicroelectronics ST7FLCD1 Datasheet HTML 47Page - STMicroelectronics ST7FLCD1 Datasheet HTML 48Page - STMicroelectronics ST7FLCD1 Datasheet HTML 49Page - STMicroelectronics ST7FLCD1 Datasheet HTML 50Page - STMicroelectronics ST7FLCD1 Datasheet HTML 51Page - STMicroelectronics ST7FLCD1 Datasheet HTML 52Page - STMicroelectronics ST7FLCD1 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
49/95
ST7FLCD1
8-bit Analog-to-Digital Converter (ADC)
9
8-bit Analog-to-Digital Converter (ADC)
9.1
Introduction
The on-chip Analog to Digital Converter (ADC) peripheral is a 8-bit, successive approximation
converter with internal Sample and Hold circuitry. This peripheral has up to 4 multiplexed analog
input channels (refer to device pin out description) that allows the peripheral to convert the analog
voltage levels from up to 4 different sources.
The result of the conversion is stored in a 8-bit Data Register. The A/D converter is controlled
through a Control/Status Register.
9.2
Main Features
●
8-bit conversion
●
Up to 4 channels with multiplexed input
●
Linear successive approximation
●
Data register (DR) which contains the results
●
Conversion complete status flag
●
On/Off bit (to reduce power consumption)
9.3
Functional Description
The high and low level reference voltages are VDD and VSS, respectively. Consequently, conversion
accuracy is degraded by voltage drops and noise in the event of heavily loaded or badly decoupled
power supply lines.
Figure 27: ADC Block Diagram
Sample
Analog
Mux
AIN0
AIN1
AIN2
AIN3
-
COCO
CH0
CH1
-
-
ADON
(Control Status Register) CSR
AD7
AD0
AD1
AD2
AD3
AD6
AD5
(Data Register) DR
&
Hold
fCPU / 4
Analog to Digital
Converter
AD4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com