Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 31Page - STMicroelectronics ST7FLCD1 Datasheet HTML 32Page - STMicroelectronics ST7FLCD1 Datasheet HTML 33Page - STMicroelectronics ST7FLCD1 Datasheet HTML 34Page - STMicroelectronics ST7FLCD1 Datasheet HTML 35Page - STMicroelectronics ST7FLCD1 Datasheet HTML 36Page - STMicroelectronics ST7FLCD1 Datasheet HTML 37Page - STMicroelectronics ST7FLCD1 Datasheet HTML 38Page - STMicroelectronics ST7FLCD1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
35/95
ST7FLCD1
I/O Ports
7
I/O Ports
7.1
Introduction
I/O ports are used to transfer data through digital inputs and outputs. For specific pins, I/O ports
allow the input of analog signals or the Input/Output of alternate signals for on-chip peripherals
(DDC, Timer, etc.).
Each pin can be independently programmed as digital input or output. Each pin can be an analog
input when an analog switch is connected to the Analog-to-Digital Converter (ADC).
Note:1. This is a typical I/O pin configuration. Each port is customized with a specific configuration in order
to handle certain functions.
Figure 16: I/O Pin Critical Circuit
DR
DDR
Latch
Latch
DR SEL
DDR SEL
VDD
PAD
Analog
Switch (if required)
Analog Enable
(ADC)
Alternate enable
Alternate Enable
Digital Enable
Alternate enable
Alternate
Alternate Input
output
P-Buffer
(if required)
N-Buffer
1
0
1
0
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com