Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 43Page - STMicroelectronics ST7FLCD1 Datasheet HTML 44Page - STMicroelectronics ST7FLCD1 Datasheet HTML 45Page - STMicroelectronics ST7FLCD1 Datasheet HTML 46Page - STMicroelectronics ST7FLCD1 Datasheet HTML 47Page - STMicroelectronics ST7FLCD1 Datasheet HTML 48Page - STMicroelectronics ST7FLCD1 Datasheet HTML 49Page - STMicroelectronics ST7FLCD1 Datasheet HTML 50Page - STMicroelectronics ST7FLCD1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
47/95
ST7FLCD1
PWM Generator
DUTY CYCLE REGISTERS (PWMDCRx)
Read/Write
Reset Value 0000 0000 (00h)
Bits [7:0] = DC[7:0] Duty Cycle Data
These bits are set and cleared by software.
A DCRx register is associated with the DCRix register of each PWM channel to determine the
second edge location of the PWM signal (the first edge location is common to all 4 channels and
given by the ARR register). These DCR registers allow the duty cycle to be set independently for
each PWM channel.
CONTROL REGISTER A (PWMCRA)
Read/Write
Reset Value: 0000 0000 (00h)
Bits [7:4] = OE [3:0] PWM Output Enable.
These bits are set and cleared by software. They enable or disable the PWM output channels
independently acting on the corresponding I/O pin.
0
the PWM pin is a general I/O.
1
the PWM pin is driven by the PWM peripheral.
Bits [3:0] = OP[3:0] PWM Output Polarity.
These bits are set and cleared by software. They independently select the polarity of the 4 PWM
output signals.
0
positive polarity.
1
negative polarity.
Note:
When an OPx bit is modified, the PWMx output signal is immediately updated.
AUTO-RELOAD REGISTER A (PWMARRA)
Read/Write
Reset Value: 1111 1111(FFh)
Bits [7:0] = AR[7:0] Counter Auto-Reload Data.
These bits are set and cleared by software. They are used to hold the auto-reload value which is
automatically loaded in the counter when an overflow occurs. Writing in this register reload the
PWM counter to ARR A value. At the same time, the PWM output levels are changed according to
the corresponding OPx bit in the PWMCR register.
76
54
321
0
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
76
54
321
0
OE3
OE2
OE1
OE0
OP3
OP2
OP1
OP0
76
54
321
0
AR73
AR6
AR5
AR4
AR3
AR2
AR1
AR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com