Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 26Page - STMicroelectronics ST7FLCD1 Datasheet HTML 27Page - STMicroelectronics ST7FLCD1 Datasheet HTML 28Page - STMicroelectronics ST7FLCD1 Datasheet HTML 29Page - STMicroelectronics ST7FLCD1 Datasheet HTML 30Page - STMicroelectronics ST7FLCD1 Datasheet HTML 31Page - STMicroelectronics ST7FLCD1 Datasheet HTML 32Page - STMicroelectronics ST7FLCD1 Datasheet HTML 33Page - STMicroelectronics ST7FLCD1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 95 page
background image
Flash Program Memory
ST7FLCD1
30/95
(> 1 k
W), no additional components are needed. In any case, the user must ensure that an
external reset is not generated by the application during the ICC session.
3. The use of Pin 7 of the ICC connector depends on the Programming Tool architecture. This pin
must be connected when using most ST programming tools (it is used to monitor the
application power supply). Please refer to the Programming Tool manual.
5.6
In-Application Programming (IAP)
This mode uses a Boot Loader program previously stored in Sector 0 by the user (in ICP mode or by
plugging the device in a programming tool).
This mode is fully-controlled by user software. This allows it to be adapted to the user application,
(user-defined strategy for entering programming mode, choice of communications protocol used to
fetch the data to be stored, etc.). For example, it is possible to download code from either DDC
interface and program it in the Flash memory. IAP mode can be used to program any of the Flash
sectors except Sector 0, which is write/erase protected to allow recovery in case errors occur during
the programming operation.
5.7
Register Description
FLASH CONTROL/STATUS REGISTER (FCSR)
Read/Write
Reset Value: 0000 0000 (00h)
Figure 12: Typical ICP Interface
76
54
321
0
0
000
00
00
ICC Connector
HE10 Male-type Connector
Application
Power Supply
1
2
4
6
8
10
97
5
3
Programming Tool
ICC Connector
Application Board
ICC Cable
Optional
(See Note 3)
10k
W
ST7
CL2
CL1
See Note 1
See Note 1
See Note 2
Application
Reset Source
I/O
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com