Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 5Page - STMicroelectronics ST7FLCD1 Datasheet HTML 6Page - STMicroelectronics ST7FLCD1 Datasheet HTML 7Page - STMicroelectronics ST7FLCD1 Datasheet HTML 8Page - STMicroelectronics ST7FLCD1 Datasheet HTML 9Page - STMicroelectronics ST7FLCD1 Datasheet HTML 10Page - STMicroelectronics ST7FLCD1 Datasheet HTML 11Page - STMicroelectronics ST7FLCD1 Datasheet HTML 12Page - STMicroelectronics ST7FLCD1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
9/95
ST7FLCD1
General Information
13
PA5/PWM5/BUZOUT
I/O
Port A5 or PWM Output 5 or Buzzer Output
14
PA6/ITA/EXTRIG
I/O
Port A6 or Interrupt Input A or External Trigger Timer B
15
PA7/ITB
I/O
Port A7 or Interrupt Input B
16
PD0/I2C_SCL
I/O
Port D0 or I²C Serial Bus Clock
17
PD1/I2C_SDA
I/O
Port D1 or I²C Serial Bus Data
18
PD2/DDCA_SCL
I/O
Port D2 or DDC A Serial Bus Clock
19
PD3/DDCA_SDA
I/O
Port D3 or DDC A Serial Bus Data
20
PD4/DDCB_SCL
I/O
Port D4 or DDC B Serial Bus Clock
21
PD5/DDCB_SDA
I/O
Port D5 or DDC B Serial Bus Data
22
PD6
I/O
Port D6
23
PD7
I/O
Port D7
24
PC0/ICC_CLK
I/O
Port C0 or ICC Clock
25
PC1/ICC_DATA
I/O
Port C1 or ICC Data
26
VPP
PS
Flash Programming Supply Voltage
Normal op. mode: 0 V,
see Note 1
27
VSS
PS
Ground
0V
28
VDD
PS
Power Supply
5V
1. This pin must be connected to a 10K pulldown resistor (refer to Section 1.5).
Table 1: 28-pin Small Outline Package (SO28) Pin Description (Sheet 2 of 2)
Pin
Pin Name
Type
Description
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com