Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 54Page - STMicroelectronics ST7FLCD1 Datasheet HTML 55Page - STMicroelectronics ST7FLCD1 Datasheet HTML 56Page - STMicroelectronics ST7FLCD1 Datasheet HTML 57Page - STMicroelectronics ST7FLCD1 Datasheet HTML 58Page - STMicroelectronics ST7FLCD1 Datasheet HTML 59Page - STMicroelectronics ST7FLCD1 Datasheet HTML 60Page - STMicroelectronics ST7FLCD1 Datasheet HTML 61Page - STMicroelectronics ST7FLCD1 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 95 page
background image
I²C Single-Master Bus Interface
ST7FLCD1
58/95
generation if ITE = 1. It is cleared by software by reading the SR register followed by a read or write
of DR register. It is also cleared by hardware when the interface is disabled (PE = 0).
Following a byte transmission, this bit is set after reception of the acknowledge clock pulse. In case
an address byte is sent, this bit is set only after the EV2 event (See Section 10.5: Transfer
Sequencing). BTF is cleared by reading SR register followed by writing the next byte in DR register.
Following a byte reception, this bit is set after transmission of the acknowledge clock pulse if
ACK = 1. BTF is cleared by reading SR register followed by reading the byte from DR register.
The SCL line is held low when BTF = 1.
0
Byte transfer not done
1
Byte transfer succeeded
Bit 2 = Reserved. Forced to 0 by hardware.
Bit 1 = M/IDL Master/Idle.
This bit is set by hardware when the interface is in Master mode (writing START = 1). It is cleared by
hardware after a Stop condition on the bus. It is also cleared by hardware when the interface is
disabled (PE = 0).
0
Idle mode
1
Master mode
Bit 0 = SB Start bit.
This bit is set by hardware when a Start condition is generated (following a write START = 1). An
interrupt is generated if ITE = 1. It is cleared by software by reading the SR register followed by
writing the address byte in DR register. It is also cleared by hardware when the interface is disabled
(PE = 0).
0
No Start condition
1
Start condition generated
I²C CLOCK CONTROL REGISTER (I2CCCR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = FM/SM Fast/Standard I²C mode.
This bit is set and cleared by software. It is not cleared when the interface is disabled (PE = 0).
0
Fast I²C mode
1
Standard I²C mode
Bit 6 = FILTOFF Filter Off.
This bit is set and cleared by software, it is not taken into account in the EMU version and is
considered as always set to 1 (inactive filter).
When set, it disables the filter of the I²C pads in order to achieve speeds of over 400 kHz on a short-
length I²C bus (at the user’s responsibility). Such high frequencies are computed with the Fast mode
formula given below.
76
54
321
0
FM/SM
FILTOFF
CC5
CC4
CC3
CC2
CC1
CC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com