Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 9Page - STMicroelectronics ST7FLCD1 Datasheet HTML 10Page - STMicroelectronics ST7FLCD1 Datasheet HTML 11Page - STMicroelectronics ST7FLCD1 Datasheet HTML 12Page - STMicroelectronics ST7FLCD1 Datasheet HTML 13Page - STMicroelectronics ST7FLCD1 Datasheet HTML 14Page - STMicroelectronics ST7FLCD1 Datasheet HTML 15Page - STMicroelectronics ST7FLCD1 Datasheet HTML 16Page - STMicroelectronics ST7FLCD1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
13/95
ST7FLCD1
General Information
0028h
DDC B
DDCCRB
DDC B Control Register
00h
R/W
0029h
DDCSR1B
DDC B Status 1 Register
00h
R
002Ah
DDCSR2B
DDC B Status 2 Register
00h
R
002Bh
DDCOAR1B
DDC (7-bit) B Slave address 1 Register
00h
R/W
002Ch
DDCOAR2B
DDC (7-bit) B Slave address 2 Register
00h
R/W
002Dh
DDCDRB
DDC B Data Register
00h
R/W
002Eh
RESERVED
002Fh
DDCDCRB
DDC2B B Control Register
00h
R/W
0030h
DM
DMCR
Debug Control Register
00h
R/W
0031h
DMSR
Debug Status Register
10h
R
0032h
DMBK1H
Debug Breakpoint 1 MSB Register
FFh
R/W
0033h
DMBK1L
Debug Breakpoint 1 LSB Register
FFh
R/W
0034h
DMBK2H
Debug Breakpoint 2 MSB Register
FFh
R/W
0035h
DMBK2L
Debug Breakpoint 2 LSB Register
FFh
R/W
0036h
IFR
IFRDR
Counter Data Register
00h
R/W
0037h
IFRCR
Control Register
00h
R/W
0038h
TIMB
TIMCSRB
Timer Control Status Register
00h
R/W
0039h
TIMCPRB
Timer Counter Preload Register
01h
R/W
003Ah
RESERVED
Table 3: Interrupt Vector Map
Vector Address
Description
Remarks
FFE0 to FFE1h
Not Used
FFE2 to FFE3h
Timer A Overflow Interrupt Vector
Internal Interrupt
FFE4 to FFE5h
Timer B Overflow Interrupt Vector
Internal Interrupt
FFE6 to FFE7h
Not Used
FFE8 to FFE9h
I²C Interrupt Vector
Internal Interrupt
FFEA to FFEBh
ITB Interrupt Vector
External Interrupt
FFEC to FFEDh
ITA Interrupt Vector
External Interrupt
FFEE to FFEFh
IFR Interrupt Vector
Internal Interrupt
FFF0 to FFF1h
Not Used
FFF2 to FFF3h
DDC2B B Interrupt Vector
Internal Interrupt
FFF4 to FFF5h
DDC/CI B Interrupt Vector
Internal Interrupt
FFF6 to FFF7h
DDC2B A Interrupt Vector
Internal Interrupt
FFF8 to FFF9h
DDC/CI A Interrupt Vector
Internal Interrupt
FFFA to FFFBh
Not Used
Table 2: Hardware Register Memory Map (Sheet 3 of 3)
Address
Block
Register
Register Name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com