Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 55Page - STMicroelectronics ST7FLCD1 Datasheet HTML 56Page - STMicroelectronics ST7FLCD1 Datasheet HTML 57Page - STMicroelectronics ST7FLCD1 Datasheet HTML 58Page - STMicroelectronics ST7FLCD1 Datasheet HTML 59Page - STMicroelectronics ST7FLCD1 Datasheet HTML 60Page - STMicroelectronics ST7FLCD1 Datasheet HTML 61Page - STMicroelectronics ST7FLCD1 Datasheet HTML 62Page - STMicroelectronics ST7FLCD1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
59/95
ST7FLCD1
I²C Single-Master Bus Interface
Bits [5:0] = CC[5:0] 6-bit clock divider.
These bits select the speed of the bus (fSCL) depending on the I²C mode. They are not cleared
when the interface is disabled (PE = 0). The value of the 6-bit clock divider, CC[5:0]
³ 03h
Fast mode (FM/SM = 0): fSCL > 100 kHz
fSCL = fCPU/([2x([CC5...CC0]+3)]+1)
Standard mode (FM/SM = 1): fSCL £ 100 kHz
fSCL = fCPU/(3x([CC5...CC0]+3))
Note:
The programmed fSCL speed assumes that there is no load on the SCL and SDA lines.
I²C DATA REGISTER (I2CDR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits [7:0] = D[7:0] 8-bit Data Register.
These bits contain the byte to be received or transmitted on the bus.
Transmitter mode: Bytes are automatically transmitted when the software writes to the DR register.
Receiver mode: The first data byte is automatically received in the DR register using the least
significant bit of the address.
Then, the subsequent data bytes are received one-by-one after reading the DR register.
76
54
321
0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com