Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 6Page - STMicroelectronics ST7FLCD1 Datasheet HTML 7Page - STMicroelectronics ST7FLCD1 Datasheet HTML 8Page - STMicroelectronics ST7FLCD1 Datasheet HTML 9Page - STMicroelectronics ST7FLCD1 Datasheet HTML 10Page - STMicroelectronics ST7FLCD1 Datasheet HTML 11Page - STMicroelectronics ST7FLCD1 Datasheet HTML 12Page - STMicroelectronics ST7FLCD1 Datasheet HTML 13Page - STMicroelectronics ST7FLCD1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
General Information
ST7FLCD1
10/95
1.5
External Connections
Figure 3 shows the recommended external connections for the device.
The VPP pin is only used for programming or erasing the Flash memory array, and must be
tied to a 10 K pulldown resistor for normal operation.
The 10 nF and 0.1 µF decoupling capacitors on the power supply lines are a suggested EMC
performance/cost tradeoff.
The external RC reset network (including the mandatory 1K serial resistor) is intended to protect the
device against parasitic resets, especially in noisy environments.
Unused I/Os should be tied high to avoid any unnecessary power consumption on floating lines. An
alternative solution is to program the unused ports as inputs with pull-up.
Figure 3: Recommended External Connections
VPP
VDD
VSS
OSCIN
OSCOUT
RESET
VDD
0.1µF
+
See
Clocks
Section
VDD
0.1µF
0.1µF
EXTERNAL RESET CIRCUIT
Or configure unused I/O ports
Unused I/O
10nF
4.7K
10K
by software as input with pull-up
VDD
1K
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com