Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 14Page - STMicroelectronics ST7FLCD1 Datasheet HTML 15Page - STMicroelectronics ST7FLCD1 Datasheet HTML 16Page - STMicroelectronics ST7FLCD1 Datasheet HTML 17Page - STMicroelectronics ST7FLCD1 Datasheet HTML 18Page - STMicroelectronics ST7FLCD1 Datasheet HTML 19Page - STMicroelectronics ST7FLCD1 Datasheet HTML 20Page - STMicroelectronics ST7FLCD1 Datasheet HTML 21Page - STMicroelectronics ST7FLCD1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 95 page
background image
Central Processing Unit (CPU)
ST7FLCD1
18/95
The Stack Pointer is a 16-bit register always pointing to the next free location in the stack. The
pointer value increments when data is taken from the stack, it decrements once data is transferred
into the stack (see Figure 6).
Since the stack is 256 bytes deep, the most significant byte is forced by hardware. Following an
MCU Reset, or after a Reset Stack Pointer instruction (RSP), the Stack Pointer contains its reset
value (the SP7 to SP0 bits are set) which is the stack highest address.
The least significant byte of the Stack Pointer (called S) can be directly accessed by a LD
instruction.
Note:
When the lower limit is exceeded, the Stack Pointer wraps around the stack upper limit, without
indicating a stack overflow. The previously stored information is then overwritten and therefore lost.
The stack also wraps in case of an underflow.
The stack is used to save the return address during a subroutine call and the CPU context during an
interrupt. You can directly manipulate the stack using PUSH and POP instructions. In case of
interrupt, the PCL is stored at the first location pointed to by the SP. Other registers are then stored
in the next locations as shown in Figure 6.
When interrupt is received, the SP value decrements and the context is pushed to the stack.
On return from interrupt, the SP value increments and the context is popped from the stack.
A subroutine call and interrupt occupy two and five locations in the stack area respectively.
Figure 6: Stack Manipulation Example
Table 4: Instruction Set (Sheet 1 of 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Load and Transfer
LD
CLR
Stack operation
PUSH
POP
RSP
Increment/Decrement
INC
DEC
Compare and Tests
CP
TNZ
BCP
Logical operations
AND
OR
XOR
CPL
NEG
SP
SP
SP
SP
SP
Subroutine
Call
Interrupt
Event
PUSH Y
POP Y
IRET
RET
or RSP
h
h
Stack Higher Address = 01FFh
Stack Lower Address = 0100h
PCL
PCH
CC
A
X
PCH
PCL
PCH
PCL
CC
A
X
PCH
PCL
PCH
PCL
Y
CC
A
X
PCH
PCL
PCH
PCL
PCL
PCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com