Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 53Page - STMicroelectronics ST7FLCD1 Datasheet HTML 54Page - STMicroelectronics ST7FLCD1 Datasheet HTML 55Page - STMicroelectronics ST7FLCD1 Datasheet HTML 56Page - STMicroelectronics ST7FLCD1 Datasheet HTML 57Page - STMicroelectronics ST7FLCD1 Datasheet HTML 58Page - STMicroelectronics ST7FLCD1 Datasheet HTML 59Page - STMicroelectronics ST7FLCD1 Datasheet HTML 60Page - STMicroelectronics ST7FLCD1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
57/95
ST7FLCD1
I²C Single-Master Bus Interface
Bit 1 = STOP Generation of a Stop condition.
This bit is set and cleared by software. It is also cleared by hardware when the interface is disabled
(PE = 0) or when the Stop condition is sent. In Master mode only:
0
No stop generation
1
Stop generation after the current byte transfer or after the current Start condition is sent.
Bit 0 = ITE Interrupt enable.
This bit is set and cleared by software and cleared by hardware when the interface is disabled (PE
= 0).
0
Interrupt disabled
1
Interrupt enabled
I²C STATUS REGISTER (I2CSR)
Read Only
Reset Value: 0000 0000 (00h)
Bit 7 = EVF Event flag.
This bit is set by hardware as soon as an event occurs. It is cleared by software by reading the SR
register in case of error event or as described in Section 10.5: Transfer Sequencing. It is also
cleared by hardware when the interface is disabled (PE = 0).
0
No event
1
One of the following events has occurred:
BTF = 1 (Byte received or transmitted)
SB = 1 (Start condition generated)
AF = 1 (No acknowledge received after byte transmission if ACK = 1)
Address byte successfully transmitted.
Bit 6 = AF Acknowledge Failure.
This bit is set by hardware when no acknowledge is returned. An interrupt is generated if ITE = 1.
It is cleared by software by reading the SR register or by hardware when the interface is disabled
(PE = 0).
The SCL line is not held low when AF = 1.
0
No acknowledge failure
1
Acknowledge failure
Bit 5 = TRA Transmitter/Receiver.
When BTF is set, TRA = 1 if a data byte has been transmitted. It is cleared automatically when BTF
is cleared. It is also cleared by hardware when the interface is disabled (PE = 0).
0
Data byte received (if BTF = 1)
1
Data byte transmitted
Bit 4 = Reserved. Forced to 0 by hardware.
Bit 3 = BTF Byte transfer finished.
This bit is set by hardware as soon as a byte is correctly received or transmitted with interrupt
76
54
321
0
EVF
AF
TRA
0
BTF
0
M/IDL
SB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com