Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 49Page - STMicroelectronics ST7FLCD1 Datasheet HTML 50Page - STMicroelectronics ST7FLCD1 Datasheet HTML 51Page - STMicroelectronics ST7FLCD1 Datasheet HTML 52Page - STMicroelectronics ST7FLCD1 Datasheet HTML 53Page - STMicroelectronics ST7FLCD1 Datasheet HTML 54Page - STMicroelectronics ST7FLCD1 Datasheet HTML 55Page - STMicroelectronics ST7FLCD1 Datasheet HTML 56Page - STMicroelectronics ST7FLCD1 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 95 page
background image
53/95
ST7FLCD1
I²C Single-Master Bus Interface
SDA/SCL Line Control
Transmitter mode: The interface holds the clock line low before transmission to wait for the
microcontroller to write the byte in the Data Register.
Receiver mode: The interface holds the clock line low after reception to wait for the microcontroller
to read the byte in the Data Register.
The SCL frequency (fSCL) is controlled by a programmable clock divider which depends on the I²C
bus mode.
When the I²C cell is enabled, the SDA and SCL ports must be configured as a floating open-drain
output or a floating input. In this case, the value of the external pull-up resistor used depends on the
application.
When the I²C cell is disabled, the SDA and SCL ports revert to being standard I/O port pins.
Figure 28: I²C Bus Protocol
Figure 29: I²C Interface Block Diagram
SCL
SDA
12
8
9
MSB
ACK
Stop Condition
Start Condition
Data Register (DR)
Data Shift Register
Clock Control Register (CCR)
Status Register (SR)
Control Register (CR)
SDAI
SCLI
Interrupt
Clock Control
Data Control
SCL
SDA
Control Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com