Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 202 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 202 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 198Page - National Semiconductor (TI) PC87591L Datasheet HTML 199Page - National Semiconductor (TI) PC87591L Datasheet HTML 200Page - National Semiconductor (TI) PC87591L Datasheet HTML 201Page - National Semiconductor (TI) PC87591L Datasheet HTML 202Page - National Semiconductor (TI) PC87591L Datasheet HTML 203Page - National Semiconductor (TI) PC87591L Datasheet HTML 204Page - National Semiconductor (TI) PC87591L Datasheet HTML 205Page - National Semiconductor (TI) PC87591L Datasheet HTML 206Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
202
Revision 1.07
4.13.7 ACB Clock Frequency Configuration
The ACB module enables the user to set the ACCESS.bus clock frequency. The SCLn clock period is set by SCLFRQ in
ACBnCTL2 and ACBnCTL3 registers. This clock low period may be extended by stall periods initiated by the ACB module
or by another ACCESS.bus device. In case of a conflict with another bus master, a shorter clock high period may be forced
by the other bus master until the conflict is resolved.
4.13.8 ACB Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
ACB Register Map
ACB Serial Data Register (ACBnSDA)
The ACBnSDA register is a shift register used to transmit and receive data. The most significant bit is transmitted (received)
first and the least significant bit is transmitted (received) last. Reading or writing to the ACBnSDA register is allowed only
when SDAST in ACBnST register is set or for repeated starts after setting the START bit. An attempt to access the register
in other cases may produce unpredictable results.
Locations: Channel - 1 00 FF6016
Channel - 2 00 FFE016
Type: R/W
Mnemonic
Register Name
Type
ACBnSDA
ACB Serial Data
R/W
ACBnST
ACB Status
Varies per bit
ACBnCST
ACB Control Status
Varies per bit
ACBnCTL1
ACB Control 1
R/W
ACBnADDR
ACB Own Address
R/W
ACBnADDR2
ACB Own Address 2
R/W
ACBnCTL2
ACB Control 2
R/W
ACBnCTL3
ACB Control 3
R/W
Bit
76543210
Name
Data
Bit
Description
7-0
Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com