Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 202Page - National Semiconductor (TI) PC87591L Datasheet HTML 203Page - National Semiconductor (TI) PC87591L Datasheet HTML 204Page - National Semiconductor (TI) PC87591L Datasheet HTML 205Page - National Semiconductor (TI) PC87591L Datasheet HTML 206Page - National Semiconductor (TI) PC87591L Datasheet HTML 207Page - National Semiconductor (TI) PC87591L Datasheet HTML 208Page - National Semiconductor (TI) PC87591L Datasheet HTML 209Page - National Semiconductor (TI) PC87591L Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
206
Revision 1.07
ACB Own Address Register (ACBnADDR and ACBnADDR2)
The ACBnADDR and ACBnADDR2 registers hold the module’s ACCESS.bus addresses. The reset value of these registers
are undefined.
ACBnADDR:
Location: Channel 1 - 00 FF6816
Channel 2 - 00 FFE816
ACBnADDR2:
Location: Channel 1- 00 FE6C16
Channel 2- 00 FFEC16
Type: R/W
ACB Control Register 2 (ACBnCTL2)
The ACBnCTL2 register enables/disables the module and determines the ACB clock rate. On reset and while the module is
disabled (ENABLE in ACBnCTL2 register is set to 0), ACBnCTL2 is cleared (0016).
Location: Channel 1 - 00 FF6A16
Channel 2 - 00 FFEA16
Type: R/W
Bit
76543210
Name
SAEN
ADDR
Bit
Description
6-0
ADDR (Address). Holds the 7-bit ACCESS.bus address of the PC87591x. When in Slave mode, the first seven
bits received after a Start Condition are compared to this field (the first bit received is compared to bit 6, the next
bit to bit 5 and so on until the last bit, which is compared to bit 0). If the address field matches the received data
and SAEN in ACBnADDR register is set to 1, a match is declared.
7
SAEN (Slave Address Enable). When set (1), indicates that the ADDR field holds a valid address and enables
the match of ADDR to an incoming address byte. When cleared, the ACB does not check for an address match.
Bit
76543210
Name
SCLFRQ6-0
ENABLE
Reset
00000000
Bit
Description
0
ENABLE. When set, the ACB module is enabled. When the Enable bit is cleared, the ACB module is disabled,
ACBnCTL1, ACBnST and ACBnCST are cleared and the clocks are halted.
7-1
SCLFRQ6-0 (SCL Frequency bits 6 through 0). This field, together with SCLFRQ8-7 in ACBCTL3 register,
defines the SCL’s period (low time and high time) when the PC87591x serves as a bus master. The clock low
time and high time are defined as follows:
tSCL =4*SCLFRQ*tCLK
tSCLl =tSCLh
where tCLK is the PC87591x clock cycle when in Active mode (see Section 7.6.3 on page 385).
SCLFRQ may be programed to values in the range of 00 00010002 (810) through 11 11111112 (51110). Values
outside this range gives unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com