Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 222 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 222 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 218Page - National Semiconductor (TI) PC87591L Datasheet HTML 219Page - National Semiconductor (TI) PC87591L Datasheet HTML 220Page - National Semiconductor (TI) PC87591L Datasheet HTML 221Page - National Semiconductor (TI) PC87591L Datasheet HTML 222Page - National Semiconductor (TI) PC87591L Datasheet HTML 223Page - National Semiconductor (TI) PC87591L Datasheet HTML 224Page - National Semiconductor (TI) PC87591L Datasheet HTML 225Page - National Semiconductor (TI) PC87591L Datasheet HTML 226Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
222
Revision 1.07
Flash Read, Write and Erase Time
The flash read access time affects the performance of the core. It is therefore recommended to configure the interface to
achieve the maximum performance allowed for the operation frequency. Table 32 lists the access time for each section of
the flash.
Notes:
●
Write cycle timing is not cycle-by-cycle emulated for off-chip Base Memory (SRAM).
●
For fast read operation, the respective BIU zone should be configured for fast read.
●
For n wait states, the respective BIU zone should be configured for normal read with n wait states. This provides an
n+2 cycles read throughput.
●
Sections 0 and 1 are also referred to as the Fast zone.
The Flash Timing Control, included as part of the PC87591x on-chip flash, controls the access time for read, write and erase
operations of the flash memory. This simplifies the handling and use of the flash by the user. To enable operation with var-
ious clock rates the Flash Timing Control includes a set of registers that enable the core to set the parameters. For more
details on the Flash Timing Control, see Section 4.16.3 on page 222.
4.16.3 Flash Interface States and Timing Control
The Flash Timing Control automates six states: Standby, Read, Program, Page Erase, Section Erase and Special Erase.
The widths of pulses used in flash operation are specified in registers and should be set by software based on the operation
frequency of the core clock.
●
Standby State
The flash does not perform a read, program or erase operation. This is the default state when no operation is per-
formed; current consumption of the flash is therefore minimal.
●
Read State
The flash performs a read operation from either the Main Block or the Information Block. Host or core reads
through the core bus are extended to the required length based on the BIU SZCGF1settings. JTAG interface ac-
cess uses a busy flag to indicate that the read operation is in progress. When the read is completed, the flash re-
turns to Standby state.
●
Program State
The flash programs a byte or word in either the Main Block or Information Block. This state is entered by a core or
host write (with the Program control bit set) or by a JTAG program command. While in this state, the busy indicator
is set. When the program operation is completed, if the verify is enabled, the data is verified and the error bits are
updated accordingly. During Program state, reset is ignored. During programing of the flash, additional writes to
the flash are ignored and reads are delayed until the flash page programing is completed.
●
Page Erase State
The Page Erase state is entered by a core or host write or by a JTAG command when the Page Erase bit is set. An
address within the page specifies which page is to be erased. While in this state, the busy indicator is set. When
the erase operation is completed and the verification is enabled, the data is verified and the error bits are updated
accordingly. During Page Erase state, reset is ignored, additional writes to the flash are ignored and reads are de-
layed until the flash page erase is completed.
●
Section Erase State
The Section Erase state is entered by a core write or by a JTAG command when the Section Erase bit is set. An
address within the section specifies which section is to be erased. While in this state, the busy indicator is set.
When the erase operation is completed, the data is verified and the error bits are updated accordingly. During Sec-
tion Erase state, reset is ignored, additional writes to the flash are ignored and reads are delayed until the flash
section erase is completed.
Table 32. Access Time for Flash Sections
Block Name
Section Number
Max Frequency1,2
1. See Section 7.5 on page 381 for the values of these parameters.
2. The Zone Configuration register SZCFG1 should be used to set the access speed, based on the cur-
rent operation speed and minimum required access time.
Write Time
Erase Time
Main Block
Sections 0 and 1
FFMAX @ fast read
Approx. 20
µs,
as defined in Table 33
Approx. 10 ms,
as defined in Table 33
Information Block
Sections 0 and 1 FFMAX @ 3 clock cycles
Approx. 10 ms,
as defined in Table 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com