Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 220 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 220 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 216Page - National Semiconductor (TI) PC87591L Datasheet HTML 217Page - National Semiconductor (TI) PC87591L Datasheet HTML 218Page - National Semiconductor (TI) PC87591L Datasheet HTML 219Page - National Semiconductor (TI) PC87591L Datasheet HTML 220Page - National Semiconductor (TI) PC87591L Datasheet HTML 221Page - National Semiconductor (TI) PC87591L Datasheet HTML 222Page - National Semiconductor (TI) PC87591L Datasheet HTML 223Page - National Semiconductor (TI) PC87591L Datasheet HTML 224Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
220
Revision 1.07
Access Paths
The flash memory can be read, written and erased through several access paths with different levels of protection for the
flash contents. Each of these paths can be operational in only some of the environments (i.e., IRE, OBD, DEV or PROG).
The flash access paths are:
●
Host interface
●
CR16B core
●
JTAG flash access
●
Parallel interface
The host and core use core bus read write transactions to access the flash. The JTAG and Parallel Interfaces have dedicated
access paths. An arbitration scheme selects the active interface that accesses the flash at any given time. The host and core
accesses may interleave. JTAG flash access is enabled in OBD and ENV environments when the appropriate enable bits
are set (see “Flash Interface Functional Description” on page 251 for the access enabling scheme). The Parallel interface
is enabled in PROG environment only.
Table 30 summarizes the flash information accessibility, the restrictions that apply in the various environments and the pro-
tection bit settings for each of the memory areas. Details of read, write and erase access are provided in Section 4.16.4 on
page 224. The following notation is used:
NA
- Not accessible
RO
- Read only
RW
- Read, Write
RWE - Read, Write and Erase
RWe
- Read, Write and a limited Erase (i.e., entire flash erase only).
Figure 76. On-Chip Flash Block Diagram
Arbitration
Protection
Timing
Access
Control
Shared BIOS
and
Security
Core Bus
JTAG I/F
Parallel I/Fs
Core
Main Block
Information Block
To Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com