Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 213Page - National Semiconductor (TI) PC87591L Datasheet HTML 214Page - National Semiconductor (TI) PC87591L Datasheet HTML 215Page - National Semiconductor (TI) PC87591L Datasheet HTML 216Page - National Semiconductor (TI) PC87591L Datasheet HTML 217Page - National Semiconductor (TI) PC87591L Datasheet HTML 218Page - National Semiconductor (TI) PC87591L Datasheet HTML 219Page - National Semiconductor (TI) PC87591L Datasheet HTML 220Page - National Semiconductor (TI) PC87591L Datasheet HTML 221Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
217
www.national.com
Voltage Level Data Buffer - Input 0 through 7 (VOLDAT0-7)
This register holds the voltage level measurement result for inputs 0 through 7.
Location: 00 FD5016 - Input 0
00 FD5216 - Input 1
00 FD5416 - Input 2
00 FD5616 - Input 3
00 FD5816 - Input 4
00 FD5A16 - Input 5
00 FD5C16 - Input 6
00 FD5E16 - Input 7
Type: RO
4.14.6 Usage Hints
Voltage Level Burst
The total duration of the Voltage Level Burst measurement is a function of the system clock frequency (see Section 4.18 on
page 239) and the data sampling delay, selected by SMPDLY field in ACMTIM register. The values in Table 28 should only
be used to evaluate the maximum duration of the measurement. Actual duration may be shorter, depending on the input
level value. The software should use either EOMEV flag polling or the ACM interrupt, as described in Section 4.14.4 on
page 210.
Table 28. Voltage Level Burst Duration
Bit
76543210
Name
Reserved
VOLTLVL
Bit
Description
5-0
VOLTLVL (Voltage Level Data). Voltage level of the respective input i (KBSINi for i 0 through 7), while operating
in Voltage Level Burst mode (ACMMOD = 012 in ACMCNF register). The readout is an unsigned value with
1 LSB = VCC/64; the input voltage is calculated as: VIN = VOLTVL * (VCC/64).
7-6
Reserved.
System Clock Frequency
(MHz)
SMPDLY Setting
Maximum Burst Duration
(
µs)
4
000
176
10
010
140
20
101
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com