Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 215 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 215 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 211Page - National Semiconductor (TI) PC87591L Datasheet HTML 212Page - National Semiconductor (TI) PC87591L Datasheet HTML 213Page - National Semiconductor (TI) PC87591L Datasheet HTML 214Page - National Semiconductor (TI) PC87591L Datasheet HTML 215Page - National Semiconductor (TI) PC87591L Datasheet HTML 216Page - National Semiconductor (TI) PC87591L Datasheet HTML 217Page - National Semiconductor (TI) PC87591L Datasheet HTML 218Page - National Semiconductor (TI) PC87591L Datasheet HTML 219Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
215
www.national.com
ACM Timing Control Register (ACMTIM)
This register controls the sampling delay for the voltage level and compare out data; it also controls the division of the trigger
signal. ACMTIM is set to 3716 on reset.
Location: 00 FD4416
Type: R/W
Bit
76543210
Name
Reserved
T0DIV
Reserved
SMPDLY
Reset
0
0
110111
Bit
Description
2-0
SMPDLY (Data Sampling Delay). Compensates for the settling time of the D/A converter and the input
comparators. To calculate the required delay value, see “Sampling Delay” on page 210.
Bits
Settling Compare
Max
2 1 0 Period1
Period1 Core Freq2
0 0 0:
1
10
5.5MHz
0 0 1:
1
15
8.5 MHz
0 1 0:
2
20
11.5 MHz
0 1 1:
2
25
14.2 MHz
1 0 0:
2
30
16.5 MHz
1 0 1:
2
35
20.0 MHz
1 1 0:
3
45
20.0 MHz
1 1 1:
3
55
20.0 MHz (default)
___________________________
1. The Settling and Compare periods are in clock cycles.
2. Conversion step time is equal to Settling Period + Compare Period
3
Reserved.
5-4
T0DIV (Trigger Signal Division Factor). Controls the division of the T0IN trigger signal in Low Power Threshold
Comparison mode. A higher division factor gives a lower power consumption in Idle operation mode (see
Section 4.17 on page 235). T0IN frequency is separately set (see Section 4.10 on page 164).
Bits
5 4
T0In Division Factor
0 0:
16
0 1:
32
1 0:
64
1 1:
128 (default)
7-6
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com