Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 212Page - National Semiconductor (TI) PC87591L Datasheet HTML 213Page - National Semiconductor (TI) PC87591L Datasheet HTML 214Page - National Semiconductor (TI) PC87591L Datasheet HTML 215Page - National Semiconductor (TI) PC87591L Datasheet HTML 216Page - National Semiconductor (TI) PC87591L Datasheet HTML 217Page - National Semiconductor (TI) PC87591L Datasheet HTML 218Page - National Semiconductor (TI) PC87591L Datasheet HTML 219Page - National Semiconductor (TI) PC87591L Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
216
Revision 1.07
Comparison Threshold Data Register (THRDAT)
This register holds the data used by the D/A converter in the threshold comparison modes. ACMCNF is cleared (0016)on
reset.
Location: 00 FD4616
Type: R/W
Comparison Result Register (CMPRES)
This register contains the result of the input comparison with the threshold.
Location: 00 FD4816
Type: RO
Bit
76543210
Name
Reserved
THRSHD5-THRSHD0
Reset
00000000
Bit
Description
5-0
THRSHD5-THRSHD0 (Comparison Threshold Data). Data to be used by the D/A converter in Threshold
Comparison Burst and Low Power Threshold Comparison modes. All eight inputs are compared with the resulting
voltage value.
Range: 0 to 63 (0 to 63/64 * VCC); 6-bit, unsigned value with 1 LSB = VCC/64 (the value at reset is 0).
7-6
Reserved.
Bit
76543210
Name
CMPIN7
CMPIN6
CMPIN5
CMPIN4
CMPIN3
CMPIN2
CMPIN1
CMPIN0
Bit
Description
0
CMPIN0 (Comparison Result for Input 0). Result of KBSIN0 comparison with the voltage threshold value.
Relevant only in Threshold Comparison Burst mode (ACMMOD = 102 in ACMCNF register) and Low Power
Threshold Comparison mode (ACMMOD = 112). The value at reset is undefined.
0: Input below threshold
1: Input above threshold
1
CMPIN1 (Comparison Result for Input 1). Same as CMPIN0 for KBSIN1.
2
CMPIN2 (Comparison Result for Input 2). Same as CMPIN0 for KBSIN2.
3
CMPIN3 (Comparison Result for Input 3). Same as CMPIN0 for KBSIN3.
4
CMPIN4 (Comparison Result for Input 4). Same as CMPIN0 for KBSIN4.
5
CMPIN5 (Comparison Result for Input 5). Same as CMPIN0 for KBSIN5.
6
CMPIN6 (Comparison Result for Input 6). Same as CMPIN0 for KBSIN6.
7
CMPIN7 (Comparison Result for Input 7). Same as CMPIN0 for KBSIN7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com