Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 246 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 246 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 242Page - National Semiconductor (TI) PC87591L Datasheet HTML 243Page - National Semiconductor (TI) PC87591L Datasheet HTML 244Page - National Semiconductor (TI) PC87591L Datasheet HTML 245Page - National Semiconductor (TI) PC87591L Datasheet HTML 246Page - National Semiconductor (TI) PC87591L Datasheet HTML 247Page - National Semiconductor (TI) PC87591L Datasheet HTML 248Page - National Semiconductor (TI) PC87591L Datasheet HTML 249Page - National Semiconductor (TI) PC87591L Datasheet HTML 250Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
246
Revision 1.07
HFCGI Low Value Register (HFCGIL)
The HFCGIL register contains the lower eight bits of the frequency multiplier I value. Data written to the register is stored in
the setup buffer. Reading the register returns the value of its first 8 bits. (IVLID bit in HFCGCTRL1 register indicates if the
data is valid.)
Location: 00 FFA816
Type: R/W
HFCGI High Value Register (HFCGIH)
The HFCGIH register is a byte-wide, read/write register containing the upper six bits of the frequency multiplier I value. Data
written to the register is stored in the setup buffer. Reading the register returns the HFCGIH value of the currently set fre-
quency.
Location: 00 FFAA16
Type: R/W
HFCG Pre-Scaler Register (HFCGP)
The HFCGP register is a byte-wide, read/write register. It allows the core clock to be derived from the 96 MHz clock.
On reset HFCGP is initialized to 1716.
Location: 00 FFAC16
Type: R/W
Bit
76543210
Name
HFCGI7-0
Bit
Description
7-0
HFCGI7-0. Contains the lower eight bits of the I value.
Bit
76543210
Name
Reserved
HFCGI13-8
Bit
Description
5-0
HFCGI13-8. Contains the upper six bits of the I value.
7-6
Reserved.
Bit
76543210
Name
Reserved
HFCGP4-0
Reset
00010111
Bit
Description
4-0
HFCGP4-0 (Pre-Scaler Divider Value). The divider of OSCCLK is the number defined by HFCGP(4-0) + 1,
e.g., a value of 0016 results in a divide by 1; a value of 1F16 results in a divide by 32.
Results are undefined when the pre-scaler holds a value that yields a core domain clock frequency higher than
20 MHz or lower than 3 MHz.
The pre-scaler is set according to the value held in HFCGP register when LOAD96 bit or FAST96 bit is set (1).
Reading HFCGP register returns the last value written to it.
7-5
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com