Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 245 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 245 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 241Page - National Semiconductor (TI) PC87591L Datasheet HTML 242Page - National Semiconductor (TI) PC87591L Datasheet HTML 243Page - National Semiconductor (TI) PC87591L Datasheet HTML 244Page - National Semiconductor (TI) PC87591L Datasheet HTML 245Page - National Semiconductor (TI) PC87591L Datasheet HTML 246Page - National Semiconductor (TI) PC87591L Datasheet HTML 247Page - National Semiconductor (TI) PC87591L Datasheet HTML 248Page - National Semiconductor (TI) PC87591L Datasheet HTML 249Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
245
www.national.com
HFCGM Low Value Register (HFCGML)
The HFCGML register contains the lower eight bits of the frequency multiplier M value. Data written to the register is stored
in the setup buffer. Reading the register returns the HFCGML value of the currently set frequency. On VCC power-up,
WATCHDOG reset and Debugger Interface reset, it is loaded with CF16.
Location: 00 FFA216
Type: R/W
HFCGM High Value Register (HFCGMH)
The HFCGMH register contains the upper bits of the frequency multiplier M value. Data written to the register is stored in
the setup buffer. Reading the register returns the HFCGMH value of the currently set frequency. On VCC power-up, WATCH-
DOG reset and Debugger Interface reset, it is loaded with 0316.
Location: 00 FFA416
Type: R/W
HFCGN Value Register (HFCGN)
The HFCGN register is a byte-wide, read/write register containing five bits of the frequency multiplier N value. Data written to the
register is stored in the setup buffer. Reading the register returns the HFCGN value of the currently set frequency. On VCC
power-up, WATCHDOG reset and Debugger Interface reset, it is loaded with 0816.
Location: 00 FFA616
Type: R/W
Bit
76543210
Name
HFCGM7-0
Reset
11001111
Bit
Description
7-0
HFCGM7-0. Contains the lower eight bits of the M value.
Bit
76543210
Name
HFCGM
Reset
00000011
Bit
Description
7-0
HFCGM. Contains the upper bits of the M value.
Bit
76543210
Name
Reserved
HFCGN4-0
Reset
00001000
Bit
Description
4-0
HFCGN4-0. Contains the five bits of the N value.
7-5
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com