Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 241 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 241 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 237Page - National Semiconductor (TI) PC87591L Datasheet HTML 238Page - National Semiconductor (TI) PC87591L Datasheet HTML 239Page - National Semiconductor (TI) PC87591L Datasheet HTML 240Page - National Semiconductor (TI) PC87591L Datasheet HTML 241Page - National Semiconductor (TI) PC87591L Datasheet HTML 242Page - National Semiconductor (TI) PC87591L Datasheet HTML 243Page - National Semiconductor (TI) PC87591L Datasheet HTML 244Page - National Semiconductor (TI) PC87591L Datasheet HTML 245Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
241
www.national.com
When the new HFCGML, HFCGMH and HFCGN register values are loaded, the HFCG holds OSCCLK low until the frequen-
cy multiplier locks onto the target frequency and the new frequency stabilizes. The core domain clock is also low during this
time. This automatic locking process can take several milliseconds to complete.
Frequencies within the range of 4 MHz to 20 MHz are valid. See Table 36 for a sampling of selected frequencies and their
corresponding M and N values.
Table 36. Frequencies of Selected Settings
Fast Clock Setting. This operation enables changing the clock frequency while in PMC Enabled SuperI/O Disabled state
or switching from SuperI/O Enabled PMC Enabled state to PMC Enabled SuperI/O Disabled state.
The HFCG maintains an internal I variable. The I variable is defined by two byte-wide registers: HFCGIL and HFCGIH. If
new M and N values are loaded, the frequency multiplier automatically searches for the I value needed to lock onto the target
frequency. The locking process can take several milliseconds to complete. The I variable can be recorded for a given M and
N set of values and used later to reduce the time needed for frequency locking.
To record the I value:
1. Read the low byte of the I value via HFCGIL register.
2. Check if IVLID bit in HFCGCTRL1 register is set to 0. If yes, repeat steps 1 and 2.
3. Read the upper six bits of the I value via HFCGIH register.
To fast load a new setting, load the M and N values and the corresponding I value. Then set FAST bit in HFCGCTRL1 reg-
ister to 1. The FAST command loads (simultaneously) the new values into the frequency multiplier and loads the program-
mable pre-scaler with 0 (set to a divide by 1). Note that HFCGP register does not change its contents. The frequency
multiplier quickly locks onto the target frequency without searching for a new I value.
To fast set a new clock frequency:
1. Write the N value to HFCGN register.
2. Write the low byte of the M value to HFCGML register.
3. Write the upper bits of the M value to HFCGMH register.
4. Write the low byte of the I value to HFCGIL register.
5. Write the upper six bits of the I value to HFCGIH register.
6. Set FAST bit in HFCGCTRL1 register to 1.
Changes in temperature or voltage may cause variations in the value of I for a given output frequency. If these changes
occur in the interval between recording I and its use, the output frequency generated following a fast frequency setting may
differ from the target frequency. However, after some time, the output frequency converges to the desired frequency.
Frequency1 (MHz)
1. This value is referred to as tCLKINTnom in the AC
specifications.
HFCGMH
HFCGML
HFCGN
4.00 (default)
0316
CF16
0816
5.00
0316
9216
0616
6.00
0316
9216
0516
7.00
0716
8116
0916
8.00
0A16
7C16
0B16
9.00
0A16
B916
0A16
10.00
0A16
B916
0916
12.00
1116
2A16
0C16
14.00
1916
0716
0F16
16.00
1116
2916
0916
18.00
1116
2916
0816
20.00
1716
D616
0A16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com