Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 239 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 239 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 235Page - National Semiconductor (TI) PC87591L Datasheet HTML 236Page - National Semiconductor (TI) PC87591L Datasheet HTML 237Page - National Semiconductor (TI) PC87591L Datasheet HTML 238Page - National Semiconductor (TI) PC87591L Datasheet HTML 239Page - National Semiconductor (TI) PC87591L Datasheet HTML 240Page - National Semiconductor (TI) PC87591L Datasheet HTML 241Page - National Semiconductor (TI) PC87591L Datasheet HTML 242Page - National Semiconductor (TI) PC87591L Datasheet HTML 243Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
239
www.national.com
4.18 HIGH-FREQUENCY CLOCK GENERATOR (HFCG)
The HFCG generates the high-frequency clock (OSCCLK) based on the system’s 32.768 KHz clock signal. The HFCG out-
put is derived from OSCCLK and generates the host domain clock and the core domain clock. Clock generation is controlled
by the core domain’s PMC module (see Section 4.17 on page 235) and the host domain’s SuperI/O configuration (see
Section 6 on page 335).
To generate OSCCLK, the HFCG includes a programmable frequency multiplier. The core domain clock is derived from
OSCCLK via a programmable pre-scaler; its frequency is in the range of 4 MHz to 20 MHz. The host domain clock is derived
from OSCCLK via a pre-scaler that divides by 2, generating an output of 48 MHz (see Figure 78).
4.18.1 Features
●
Programmable frequency multiplier for a wide range of output frequencies
●
Core domain clock and host domain clock generation
●
Programmable pre-scaler to derive the core domain clock from OSCCLK
●
Separate enable/disable for core domain clock and host domain clock
●
On VCC power-up:
— 4 MHz default core domain clock frequency is set
— Host domain clock is disabled
●
On WATCHDOG reset and Debugger Interface reset:
— If host domain clock is enabled, the 48 MHz clock monitor is initiated
— If host domain clock is disabled, the 4 MHz default core domain clock frequency is set
4.18.2 Functional Description
Figure 78 shows the HFCG blocks.
The frequency multiplier includes a 5-bit variable (N) and a 14-bit variable (M); these variables define the OSCCLK frequen-
cy. There are two software methods to set the frequency of OSCCLK (by changing N and M); the method used depends on
the HFCG state, as described in Section 4.18.3. The methods are:
Software Method 1. Write new values (HFCGML, HFCGMH and HFCGN registers) to a buffer and enable the programma-
ble frequency setting. Either a normal or fast clock setting may be used. The programmable pre-scaler of the core domain
clock is automatically set to a divide by 1; see “PMC Enabled SuperI/O Disabled State” on page 240.
Frequency
Multiplier
N, M, I
N, M, I
32 KHz
Programmable
Control and Status
Host Domain
Clock
Core Domain
Clock
Enable from PMC
Enable from SuperI/O
Pre-Scaler
Parameter Settings
Current Settings
Hardwired Settings
N, M, I for
= Includes software-accessible registers
OSCCLK
Divide by 2
Host Domain
INT to ICU
Figure 78. HFCG Schematic Diagram
= Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com