Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 231Page - National Semiconductor (TI) PC87591L Datasheet HTML 232Page - National Semiconductor (TI) PC87591L Datasheet HTML 233Page - National Semiconductor (TI) PC87591L Datasheet HTML 234Page - National Semiconductor (TI) PC87591L Datasheet HTML 235Page - National Semiconductor (TI) PC87591L Datasheet HTML 236Page - National Semiconductor (TI) PC87591L Datasheet HTML 237Page - National Semiconductor (TI) PC87591L Datasheet HTML 238Page - National Semiconductor (TI) PC87591L Datasheet HTML 239Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
235
www.national.com
4.17 POWER MANAGEMENT CONTROLLER (PMC)
The Power Management Controller (PMC) module improves the efficiency of PC87591x operation by adjusting the chip’s
power consumption to the level of activity required by the application. This module works together with the High-Frequency
Clock Generator (HCFG) and the core to control the activity of the PC87591x. It also interacts with the Multi-Input Wake-Up
(MIWU), Interrupt Control Unit (ICU) and Debugger interface for wake-up events.
4.17.1 Features
●
Three core domain power modes:
— Active
— Idle
— Power Off
●
Two clock inputs:
— High-frequency clock (HFCLK)
— Low-frequency clock (LFCLK)
●
Power mode switching by software and/or hardware control
●
High-frequency clock source Enable/Disable control
●
Other core domain modules are controlled with power mode indications
4.17.2 The Core Domain Power Modes
Table 35 summarizes the main properties of the three modes and shows the activity levels of clocks while in the various
power states.
Table 35. Core Domain Power Mode Summary
Active Mode
In Active mode, the core domain operates at the frequency generated by the HFCG. This frequency may be changed dy-
namically using the Load, Fast, Load96 or Fast96 operations in the HFCG module. The module’s respective enable/disable
bits control module activity.
In this mode, power consumption can be reduced by selectively disabling modules and/or by the core executing the WAIT
instruction. When WAIT is executed, the core stops executing new instructions until it receives an interrupt signal.
After reset, the PC87591x is in Active mode.
Idle Mode
In Idle mode, the clock is stopped for most of the core domain. Only the PMC and a limited number of core domain modules
(such as the TWD) continue to operate at the low-frequency oscillator rate; they can wake up the core domain and resume
instruction execution when required.
For modules that are active in Idle mode, details of their activity are included in the module’s description.
Wake-up events are generated by the MIWU module according to the enabled internal and external events.
Power Off Mode
When VCC power is turned off, the core domain reaches its lowest activity level. The contents of the memories (except for
the on-chip flash) and registers are not preserved in this mode. Applying power to the core domain should be done using
the VCC power-up reset sequence.
Mode
HFCG
LFCG
CLK
LFCLK1
1. The RTC and TWM modules always work from the LF oscillator.
VCC Supply
Active2
2. The core may execute the WAIT instruction while in Active mode to reduce power con-
sumption while no core activity is required. This state is referred to as “Active Executing
WAIT” in some places in the specification, but it is not a separate power state as far as
clocks are concerned.
On
On
HF
LF
On
Idle
On or Off3
3. Can be turned off by software but depends also on SuperI/O clock domain activation.
On
Off
LF
On
Power Off
Off
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com