Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 232 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 232 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 228Page - National Semiconductor (TI) PC87591L Datasheet HTML 229Page - National Semiconductor (TI) PC87591L Datasheet HTML 230Page - National Semiconductor (TI) PC87591L Datasheet HTML 231Page - National Semiconductor (TI) PC87591L Datasheet HTML 232Page - National Semiconductor (TI) PC87591L Datasheet HTML 233Page - National Semiconductor (TI) PC87591L Datasheet HTML 234Page - National Semiconductor (TI) PC87591L Datasheet HTML 235Page - National Semiconductor (TI) PC87591L Datasheet HTML 236Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
232
Revision 1.07
Flash Memory Start Time Register (FLSTART)
The FLSTART register controls the program/erase start delay time. FLSTART defaults to (1416) on reset.
Location: 00 F8C616
Type: R/W
Flash Memory Transition Time Register (FLTRAN)
The FLTRAN register controls some program/erase transition timings. FLTRAN defaults to (2816) on reset.
Location: 00 F8CA16
Type: R/W
Flash Memory Program Time Register (FLPROG)
The FLPROG register controls the programing pulse width. FLPROG defaults to (0A16) on reset.
Location: 00 F8D016
Type: R/W
Bit
76543210
Name
FTSTART
Reset
00010100
Bit
Description
7-0
FTSTART (Start Delay Count). This register should be configured based on the currently set core frequency.
See Table 33 on page 223 for required values.
Bit
76543210
Name
FTTRAN
Reset
00101000
Bit
Description
7-0
FTTRAN (Transition Count). This register should be configured based on the currently set core frequency. See
Table 33 on page 223 for details of required values.
Bit
76543210
Name
FTPROG
Reset
00001010
Bit
Description
7-0
FTPROG (Programing Pulse Width). This register should be configured based on the currently set core
frequency. See Table 33 on page 223 for details of required values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com